Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 68Page - STMicroelectronics ST52X420 Datasheet HTML 69Page - STMicroelectronics ST52X420 Datasheet HTML 70Page - STMicroelectronics ST52X420 Datasheet HTML 71Page - STMicroelectronics ST52X420 Datasheet HTML 72Page - STMicroelectronics ST52X420 Datasheet HTML 73Page - STMicroelectronics ST52X420 Datasheet HTML 74Page - STMicroelectronics ST52X420 Datasheet HTML 75Page - STMicroelectronics ST52X420 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
ST52T410/ST52T420/E420
72/84
11.6 Memory Characteristics
Subject to general operating conditions for VDD, fosc and TA, unless otherwise specified.
Notes:
1. Minimum VDD supply voltage without losing data stored into RAM (in HALT mode or under RESET) or
into hardware registers (only in HALT mode). Guaranteed by construction, not tested in production.
2. Data is provided only as a guideline.
Table 11.9 RAM and Registers
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
VRM
Data retention
mode1)
HALT mode (or
RESET)
1.6
V
Table 11.10 EPROM Program Memory
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
WERASE
UV lamp
Lamp
wavelength
2537 A
15
Watt,
sec/cm2)
tERASE
Erase time2)
UV lamp is
placed 1 inch
from the device
window without
any interposed
filters
715
min.
tRET
Data Retention
TA =+55
°C
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com