Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 59Page - STMicroelectronics ST52X420 Datasheet HTML 60Page - STMicroelectronics ST52X420 Datasheet HTML 61Page - STMicroelectronics ST52X420 Datasheet HTML 62Page - STMicroelectronics ST52X420 Datasheet HTML 63Page - STMicroelectronics ST52X420 Datasheet HTML 64Page - STMicroelectronics ST52X420 Datasheet HTML 65Page - STMicroelectronics ST52X420 Datasheet HTML 66Page - STMicroelectronics ST52X420 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
ST52T410/ST52T420/E420
63/84
Figure 10.12 Configuration Register 12
Table 10.8 Config. Register 12 Description
Bit
Name
Value
Description
0PA1
0
Pin PA1/T0OUT equal to PORT A Digital I/O
1
Pin PA1/ T0OUT equal to T0OUT
1PA2
0
Pin PA2/ T1OUT equal to PORT A Digital I/O
1
Pin PA2/ T1OUT equal to T1OUT
2PA3
0
Pin PA3/ T2OUT equal to PORT A Digital I/O
1
Pin PA3/ T2OUT equal to T2OUT
3PASZ
0
PORT A bits = 7
1
PORT A bits = 8
4
-
-
- not used
5
-
-
- not used
6
-
-
- not used
7
-
-
- not used
D7 D6 D5 D4 D3 D2 D1 D0
PA1: Pin PA1/T0OUT setting
not used
REG_CONF 12
DIGITAL PORT
PA2: Pin PA2/T1OUT setting
PA3: Pin PA3/T2OUT setting
PASZ: PORT A size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com