Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 36Page - STMicroelectronics ST52X420 Datasheet HTML 37Page - STMicroelectronics ST52X420 Datasheet HTML 38Page - STMicroelectronics ST52X420 Datasheet HTML 39Page - STMicroelectronics ST52X420 Datasheet HTML 40Page - STMicroelectronics ST52X420 Datasheet HTML 41Page - STMicroelectronics ST52X420 Datasheet HTML 42Page - STMicroelectronics ST52X420 Datasheet HTML 43Page - STMicroelectronics ST52X420 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
ST52T410/T420/E420
40/84
Example 1:
IF Input1 IS NOT Mbf1 AND Input4 is Mbf12 OR Input3 IS Mbf8 THEN Crisp1
is codified by the following instructions:
Example 2, the priority of the operator is fixed by the brackets:
IF (Input3 IS Mbf1 AND Input4 IS NOT Mbf15) OR (Input1 IS Mbf6 OR Input6 IS NOT Mbf14) THEN Crisp2
At the end of the fuzzy rule, by using the instruction OUT RAM_reg, a byte is written. Afterwards, the
control of the algorithm returns to the CU.
LDN 1 1
calculates the NOT
α value of Input1 with Mbf1 and stores the result in internal registers
LDP 4 12
fixes the
α value of Input4 with Mbf12 and stores the result in internal registers
FZAND
implements the operation AND between the results obtained with the previous instructions
LDK
stores the result of the previous operation in internal DPU registers
LDP 3 8
fixes the
α value of Input3 with Mbf8 and stores the result in internal registers
FZOR
implements the operation OR between the results obtained with the previous instructions
CON crisp1 multiplies the result of the last Ω operation with the crisp value crisp1
LDP 3 1
fixes the
α value of Input3 with Mbf1 and stores the result in internal registers
LDN 4 15
calculates the NOT
α value of Input4 with Mbf15 and stores the result in internal registers
FZAND
implements the operation AND between the results obtained with the previous instructions
SKM
stores the result of the previous operation in register M
LDP 1 6
fixes the
α value of Input1 with Mbf6 and stores the result in internal registers
LDN 2 14
calculates the NOT
α value of Input6 with Mbf14 and stores the result in internal registers
FZOR
implements the operation OR between the results obtained with the previous instructions
LDK
stores the result of the previous operation in internal DPU registers
LDM
copies the value of the register M in internal DPU registers
FZOR
implements the operation OR between the last two values stored in DPU registers
CON crisp2 multiplies the result of the last Ω operation with the crisp value crisp2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com