Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 46Page - STMicroelectronics ST52X420 Datasheet HTML 47Page - STMicroelectronics ST52X420 Datasheet HTML 48Page - STMicroelectronics ST52X420 Datasheet HTML 49Page - STMicroelectronics ST52X420 Datasheet HTML 50Page - STMicroelectronics ST52X420 Datasheet HTML 51Page - STMicroelectronics ST52X420 Datasheet HTML 52Page - STMicroelectronics ST52X420 Datasheet HTML 53Page - STMicroelectronics ST52X420 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
ST52T410/ST52T420/E420
50/84
9 WATCHDOG TIMER
9.1 Operational Description
The Watchdog Timer (WDT) is used to detect the
occurrence of a software fault, usually generated
by external interference or by unforeseen logical
conditions, which cause the application program to
abandon its normal sequence. The WDT circuit
generates
an
MCU
reset
on
expiry
of
a
programmed time period, unless the program
refreshes the WDT before the end of the
programmed time delay.
16 different delays can be selected by using the
WDT configuration register.
After the end of the delay programmed by the
configuration register if the WDT is activated (by
using the assembler instruction WDTSFR), it starts
a reset cycle pulling the reset pin low.
Once the WDT has been activated the application
program has to refresh this peripheral (by the
WDTSFR
instruction) at regular intervals during
normal operation in order to prevent an MCU reset.
In order to stop the WDT during user program
execution the instruction WDTSLP has to be used.
Figure 9.1 Watchdog Block Diagram
The working frequency of the WDT (PRES CLK in
the Figure 9.1) is equal to the clock master. The
clock master is divided by 500, obtaining the WDT
CLK signal, which is used to fix the timeout of the
WDT.
According to the WDT configuration register
values, a WDT delay may be defined between 0.1
ms and 937.5 mS when the clock master is 5 MHz.
By changing the clock master frequency the
timeout delay can be calculated according to the
configuration register values REG_CONF 2, as
described in the following section.
Warning: changing the REG_CONF2 value when
the WDT is active, a WDT reset is generated and
the CPU is restarted. To avoid this side effect, use
the WDTSLP instruction before changing the
REG_CONF2.
Table 9.1 Watchdog Timing range (CLK=5
MHz)
WDT timeout period (ms)
min
0.1
max
937.5
D0
D1
D2
D3
REG_CONF 2
RESET
WDTRFR
PRES CLK = CLK MASTER
WDTSLP
PRESCALER
WDT
RESET
GENERATOR
RESET
WTD CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com