Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWJDSH.EC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWJDSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWJDSH.EC Datasheet HTML 2Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 3Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 4Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 5Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 6Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 9Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2011-10-12 Released 1.0
6
LCW JDSH.EC
Wavelength Groups (Ldom), Chromaticity Color Coordinate Groups
4) page 23
Wellenlängengruppen (Ldom), Farbortgruppen
4) Seite 23
Color Temperature 2700K
4) page 23
Farbtemperatur 2700K
4) Seite 23
Chromaticity coordinate groups 4) page 23
Farbortgruppen 4) Seite 23
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5U
0.4373
0.3893
5W
0.4483
0.3918
0.4420
0.3985
0.4534
0.4011
0.4428
0.3906
0.4538
0.3931
0.4477
0.3998
0.4591
0.4024
6U
0.4420
0.3985
6W
0.4534
0.4011
0.4467
0.4076
0.4585
0.4104
0.4477
0.3998
0.4591
0.4024
0.4526
0.4090
0.4644
0.4118
7U
0.4467
0.4076
7W
0.4585
0.4104
0.4515
0.4168
0.4636
0.4197
0.4526
0.4090
0.4644
0.4118
0.4576
0.4182
0.4697
0.4211
OHA04327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
480
460
470
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
W X
V
U
T
S
R
Q
P
O
N
M
L
K
J
5
6
7
8
I
H
5
6
7
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com