Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWJDSH.EC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCWJDSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCWJDSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 9Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 10Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 11Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 12Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 13Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 14Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 15Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2011-10-12 Released 1.0
12
LCW JDSH.EC
Forward Current 3) page 23
Durchlassstrom 3) Seite 23
I
F = f (VF); TS = 25 °C
Relative Luminous Intensity 3) page 23 , 5) page 23
Relative Lichtstärke 3) Seite 23 , 5) Seite 23
I
V/IV(120 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 3) page 23
Farbortverschiebung 3) Seite 23
Cx, Cy = f(I
F); TS = 25 °C
2,4 2,6 2,8 3,0 3,2 3,4 3,6
VF [V]
20
40
60
80
100
120
140
ΙF [mA]
20 40 60 80 100 120 140
ΙF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
ΙV
ΙV (120mA)
20 40 60 80 100 120 140
ΙF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx, ΔCy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com