Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWJDSH.EC Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LCWJDSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LCWJDSH.EC Datasheet HTML 10Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 11Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 12Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 13Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 14Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 15Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 16Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 17Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
2011-10-12 Released 1.0
14
LCW JDSH.EC
Max. Permissible Forward Current
Maximal zulässiger Durchlassstrom
I
F = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
Duty cycle D = parameter, T
S = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
Duty cycle D = parameter, T
S = 85 °C
0
20
40
60
80
100
TS [°C]
0
20
40
60
80
100
120
140
ΙF [mA]
: TS
10-5 10-4 10-3 0,01 0,1 1
10
Pulse Time tp [s]
0,15
0,16
0,17
0,18
0,19
0,20
0,21
0,22
0,23
0,24
0,25
0,26
0,27
0,28
0,29
0,30
IF [A]
: D = 1
: D = 0,5
: D = 0,2
: D = 0,1
: D = 0,05
: D = 0,02
: D = 0,01
: D = 0,005
10-5 10-4 10-3 0,01 0,1
1
Pulse Time tp [s]
0,12
0,13
0,14
0,15
0,16
0,17
0,18
0,19
0,20
0,21
0,22
0,23
0,24
0,25
0,26
0,27
0,28
0,29
0,30
IF [A]
: D = 1
: D = 0,5
: D = 0,2
: D = 0,1
: D = 0,05
: D = 0,02
: D = 0,01
: D = 0,005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com