Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWJDSH.EC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWJDSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWJDSH.EC Datasheet HTML 4Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 5Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 6Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 9Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 10Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 11Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2011-10-12 Released 1.0
8
LCW JDSH.EC
Color Temperature 4000K
4) page 23
Farbtemperatur 4000K
4) Seite 23
6R
0.4185
0.3902
8S
0.4346
0.4108
0.4223
0.3989
0.4387
0.4197
0.4263
0.3929
0.4430
0.4138
0.4304
0.4018
0.4474
0.4228
7R
0.4223
0.3989
5T
0.4298
0.3867
0.4261
0.4077
0.4342
0.3957
0.4304
0.4018
0.4373
0.3893
0.4346
0.4108
0.4420
0.3985
8R
0.4261
0.4077
6T
0.4342
0.3957
0.4299
0.4165
0.4386
0.4047
0.4346
0.4108
0.4420
0.3985
0.4387
0.4197
0.4467
0.4076
5S
0.4222
0.3840
7T
0.4386
0.4047
0.4263
0.3929
0.4430
0.4138
0.4298
0.3867
0.4467
0.4076
0.4342
0.3957
0.4515
0.4168
6S
0.4263
0.3929
8T
0.4430
0.4138
0.4304
0.4018
0.4474
0.4228
0.4342
0.3957
0.4515
0.4168
0.4386
0.4047
0.4562
0.4260
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5L
0.3670
0.3578
7M
0.3799
0.3828
0.3692
0.3677
0.3826
0.3931
0.3746
0.3624
0.3885
0.3882
0.3773
0.3726
0.3916
0.3987
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com