Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWJDSH.EC Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCWJDSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCWJDSH.EC Datasheet HTML 5Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 6Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 9Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 10Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 11Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 12Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LCW JDSH.EC
2011-10-12 Released 1.0
9
Color Temperature 5000K
4) page 23
Farbtemperatur 5000K
4) Seite 23
6L
0.3692
0.3677
5N
0.3822
0.3670
0.3714
0.3775
0.3853
0.3776
0.3773
0.3726
0.3898
0.3716
0.3799
0.3828
0.3934
0.3825
7L
0.3714
0.3775
6N
0.3853
0.3776
0.3736
0.3874
0.3885
0.3882
0.3799
0.3828
0.3934
0.3825
0.3826
0.3931
0.3970
0.3935
5M
0.3746
0.3624
7N
0.3885
0.3882
0.3773
0.3726
0.3916
0.3987
0.3822
0.3670
0.3970
0.3935
0.3853
0.3776
0.4006
0.4044
6M
0.3773
0.3726
0.3799
0.3828
0.3853
0.3776
0.3885
0.3882
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5H
0.3366
0.3369
6I
0.3448
0.3515
0.3369
0.3451
0.3456
0.3601
0.3448
0.3515
0.3539
0.3669
6H
0.3369
0.3451
7I
0.3456
0.3601
0.3373
0.3534
0.3464
0.3688
0.3456
0.3601
0.3551
0.3760
7H
0.3373
0.3534
0.3376
0.3616
0.3464
0.3688
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com