Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWJDSH.EC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCWJDSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC Datasheet(HTML) 1 Page - OSRAM GmbH

  LCWJDSH.EC Datasheet HTML 1Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 2Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 3Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 4Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 5Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 6Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2011-10-12 Released 1.0
1
2011-10-12 Released 1.0
DURIS
Datasheet
Version 1.0
LCW JDSH.EC
The DURIS™ E 5 combines high efficacy and a wide
beam angle into a compact format (5.6 mm x 3.0 mm).
This is key to homogeneous illumination applications
where the DURIS™ E 5 never fails to impress with its
performance on system level.
Die DURIS™ E 5 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(5.6 mm x 3.0 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS™ E 5 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
Silikon diffuser Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: warm white; CRI (typ.) = 85; CTR = 2700 K
- 5000 K;
•
Farbe: warm weiß; CRI (typ.) = 85; CTR = 2700 K
- 5000 K;
•
Optical efficiency (typ.): 95 lm/W (warm white)
•
Optischer Wirkungsgrad (typ.): 95 lm/W
(warm weiß)
•
ESD-withstand voltage: up to 5 kV acc. to
JESD22-A114-D
•
ESD-Festigkeit: ESD-sicher bis 5 kV nach
JESD22-A114-D
Applications
Anwendungen
•
Retrofit lamps
•
Lampenretrofits
•
Task lights
•
Schreibtischlampen
•
White goods
•
Weiße Ware
•
Channel letters
•
Leuchtbuchstaben


Similar Part No. - LCWJDSH.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWJDSH.EC-FQFS-5U8X-L1N2 OSRAM-LCWJDSH.EC-FQFS-5U8X-L1N2 Datasheet
1Mb / 24P
Technology: InGaN on Sapphire
LCWJDSH.EC-FRFT-5O8Q-L1N2 OSRAM-LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet
1Mb / 24P
Technology: InGaN on Sapphire
LCWJDSH.EC-FRFT-5R8T-L1N2 OSRAM-LCWJDSH.EC-FRFT-5R8T-L1N2 Datasheet
1Mb / 24P
Technology: InGaN on Sapphire
LCWJDSH.EC-FSFU-5H7I-L1N2 OSRAM-LCWJDSH.EC-FSFU-5H7I-L1N2 Datasheet
1Mb / 24P
Technology: InGaN on Sapphire
LCWJDSH.EC-FSFU-5L7N-L1N2 OSRAM-LCWJDSH.EC-FSFU-5L7N-L1N2 Datasheet
1Mb / 24P
Technology: InGaN on Sapphire
More results

Similar Description - LCWJDSH.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com