Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWJDSH.EC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCWJDSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC Datasheet(HTML) 4 Page - OSRAM GmbH

  LCWJDSH.EC Datasheet HTML 1Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 2Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 3Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 4Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 5Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 6Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2011-10-12 Released 1.0
4
LCW JDSH.EC
Characteristics (T
S = 25 °C, IF = 120 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
v
(typ.)
2
ϕ
120
°
Forward voltage *
2) page 23
Durchlassspannung *
2) Seite 23
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.80
3.20
3.40
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
Thermal resistance junction / solder
point **
Wärmewiderstand Sperrschicht /
Lötpad **
(typ.)
R
th JS real
41
K/W
Thermal resistance
Thermischer Widerstand
(typ.)
R
th JS eff
33
K/W
Note:
* Individual groups on page 5
** R
th is based on statistic values
Anm.:
* Einzelgruppen siehe Seilte 5
** R
th basiert auf statistischen Werten



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com