Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWJDSH.EC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWJDSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWJDSH.EC Datasheet HTML 3Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 4Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 5Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 6Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 9Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 10Page - OSRAM GmbH LCWJDSH.EC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LCW JDSH.EC
2011-10-12 Released 1.0
7
Color Temperature 3000K
4) page 23
Farbtemperatur 3000K
4) Seite 23
8U
0.4515
0.4168
8W
0.4636
0.4197
0.4562
0.4260
0.4688
0.4290
0.4576
0.4182
0.4697
0.4211
0.4625
0.4275
0.4750
0.4304
5V
0.4428
0.3906
5X
0.4538
0.3931
0.4477
0.3998
0.4591
0.4024
0.4483
0.3918
0.4593
0.3944
0.4534
0.4011
0.4648
0.4038
6V
0.4477
0.3998
6X
0.4591
0.4024
0.4526
0.4090
0.4644
0.4118
0.4534
0.4011
0.4648
0.4038
0.4585
0.4104
0.4703
0.4132
7V
0.4526
0.4090
7X
0.4644
0.4118
0.4576
0.4182
0.4697
0.4211
0.4585
0.4104
0.4703
0.4132
0.4636
0.4197
0.4758
0.4225
8V
0.4576
0.4182
8X
0.4697
0.4211
0.4625
0.4275
0.4750
0.4304
0.4636
0.4197
0.4758
0.4225
0.4688
0.4290
0.4813
0.4319
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5R
0.4147
0.3814
7S
0.4304
0.4018
0.4185
0.3902
0.4346
0.4108
0.4222
0.3840
0.4386
0.4047
0.4263
0.3929
0.4430
0.4138
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com