Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4060GS Datasheet HTML 12Page - Monolithic Power Systems MP4060GS Datasheet HTML 13Page - Monolithic Power Systems MP4060GS Datasheet HTML 14Page - Monolithic Power Systems MP4060GS Datasheet HTML 15Page - Monolithic Power Systems MP4060GS Datasheet HTML 16Page - Monolithic Power Systems MP4060GS Datasheet HTML 17Page - Monolithic Power Systems MP4060GS Datasheet HTML 18Page - Monolithic Power Systems MP4060GS Datasheet HTML 19Page - Monolithic Power Systems MP4060GS Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
16
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP4060 is a TRIAC-dimmable primary-side
control, offline LED controller designed for high-
performance LED lighting. The MP4060 controls
accurately the LED current using the real-current
control
method
based
on
primary-side
information. The adaptive dimmer type detection
and phase-cut-based dimming control provide
good dimmer compatibility and a deep dimming
range. Also, it achieves a high power factor to
eliminate noise pollution on the AC line. The
integrated VCC charging circuitry achieves fast
start-up without any perceptible delay. The
integrated thermal current foldback function can
prolong the lifetime of the LED. With a duty ratio
that varies with the dimming cycle, DIM easily
supports color temperature and brightness
control for warm sunset dimming application.
Boundary-Conduction Mode
During the external MOSFET on time (TON), the
rectified input voltage applied on the primary-side
inductor (Lm) makes the primary current through
Lm increase linearly from zero to the peak value
(Ipk). Then, the external MOSFET turns off, the
energy stored in Lm forces the secondary-side
rectifier diode to turn on, and the inductor current
decreases linearly from the peak value to zero.
VDS
VAC line +N V OUT
VAC line
Ip
Toff
Ton
turn on
VZCD
0
Inductor
current
Is/N
Figure 2—Boundary-conduction mode
When the current decreases to zero, the voltage
drop on the main MOSFET drain-to-source falls
and oscillates. The oscillation frequency is
determined by the primary-side inductor and the
combined parasitic capacitances. The resonance
is reflected on the auxiliary winding (see Figure
2).
The zero-current detector generates the external
MOSFET turn-on signal when the ZCD voltage
falls below VZCD_T after a blanking time (tZCD_LEB)
and ensures the MOSFET turns on at a relatively
low voltage (see Figure 3).
+
Vcc
ZCD
Auxiliary Winding
RZCD1
VZCD_T
RZCD2
Figure 3—Zero-current detector
As a result, there are incredibly small primary
switching-on losses and no secondary-diode
reverse-recovery losses. This ensures high
efficiency and low EMI noise.
Real-Current Control
The
proprietary
real-current–control
method
allows the MP4060 to control the secondary-side
LED current based on primary-side information.
The output LED mean current can be calculated
approximately with Equation (1):
REF
o
s
NV
I
2R
(1)
Where:
N is the turn ratio of the primary side to the
secondary side,
VREF is the internal reference voltage (typically
0.414), and
RS is the sense resistor between the internal
MOSFET source and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com