Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4060GS Datasheet HTML 3Page - Monolithic Power Systems MP4060GS Datasheet HTML 4Page - Monolithic Power Systems MP4060GS Datasheet HTML 5Page - Monolithic Power Systems MP4060GS Datasheet HTML 6Page - Monolithic Power Systems MP4060GS Datasheet HTML 7Page - Monolithic Power Systems MP4060GS Datasheet HTML 8Page - Monolithic Power Systems MP4060GS Datasheet HTML 9Page - Monolithic Power Systems MP4060GS Datasheet HTML 10Page - Monolithic Power Systems MP4060GS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
7
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (Continued)
Typical values are VCC = 20 V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 20 V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Current sense comparator
Leading-edge blanking time
tLEB
350
500
750
ns
Over-current protection
Leading-edge blanking time
tLEB_OCP
260
350
550
ns
Over-current protection
threshold
VOCP
2.56
2.7
2.86
V
Current sense upper clamp
voltage
VS_CLAMP_H
1.97
2.07
2.17
V
Current sense lower clamp
voltage
VS_CLAMP_L
VCOMP = 2.2 V
10
35
90
mV
Zero-current detector
Zero-current detect threshold
VZCD_T
VZCD falling edge
0.27
0.30
0.33
V
Zero-current detect hysteresis
VZCD_HYS
550
590
625
mV
After turn off
when VMULT_O ≥ 0.25 V
1.9
2.3
3.36
µs
Zero-current detect LEB
tZCD_LEB
After turn off
when VMULT_O < 0.25 V
0.95
1.18
1.68
µs
Over-voltage threshold
VZCD_OVP
4.9
5.3
5.7
V
After turn off
when VMULT_O ≥ 0.25 V
1.9
2.3
3.36
µs
OVP detect LEB
tOVP_LEB
After turn off
when VMULT_O < 0.25 V
0.95
1.18
1.68
µs
Minimum off time
tOFF_MIN
4
5.3
8
µs
Weak/strong DP mode detector
current
(for leading-edge dimmer)
IDP_DET_LD
13
18
23
μA
Weak
DP
mode
enable
threshold
(for leading-edge dimmer)
VEN_DP_WK_LD
1.13
1.18
1.23
V
Weak/strong
DP
mode
detection time
(for leading-edge dimmer)
tDP_DET_LD
150
215
320
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com