Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4060GS Datasheet HTML 15Page - Monolithic Power Systems MP4060GS Datasheet HTML 16Page - Monolithic Power Systems MP4060GS Datasheet HTML 17Page - Monolithic Power Systems MP4060GS Datasheet HTML 18Page - Monolithic Power Systems MP4060GS Datasheet HTML 19Page - Monolithic Power Systems MP4060GS Datasheet HTML 20Page - Monolithic Power Systems MP4060GS Datasheet HTML 21Page - Monolithic Power Systems MP4060GS Datasheet HTML 22Page - Monolithic Power Systems MP4060GS Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
19
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Thermal Protection
To prevent the IC and the system from any lethal
thermal damage (when the junction temperature
exceeds
TSTART), the MP4060 chops the
reference to decrease the output current, which
limits the rising temperature speed of the IC.
Typically, the output current drops to 20 percent
when the IC temperature rises to TSD. Once it
exceeds TSD, the MP4060 shuts down the
switching cycle and is latched until VCC drops
below UVLO. When the junction temperature
drops a recovery hysteresis (THYS), the chip re-
starts again.
Bleeder Disable
If the external active bleeder is applied to
improve the TRIAC-dimming compatibility, the
MP4060 features a bleeder disable function to
pull down the bleeder transistor by BD. This
improves
system
efficiency
and
thermal
performance if the bleeder is useless in certain
conditions. Figure 10 shows the bleeder disable
circuit.
Figure 10—Bleeder disable circuit
The integrated BD FET works in an open-drain
configuration when VCC drops below UVLO or
the active bleeder is activated.
The BD FET is turned on to pull down the
bleeder transistor under the following conditions:
I.
The dimmer is not connected to the driver.
II. The fault (OVP/OCP/OTP) triggers.
III. The system works in auto-restart mode over
tSC. For example, SCP occurs.
The BD timing sequence is shown in Figure 11.
Figure 11—BD timing sequence
Adaptive Dimmer Type Detection
The MP4060 integrates adaptive dimmer type
detection to detect accurately which kind of
dimmer is connected at the system start-up
(leading-edge dimmer, trailing-edge dimmer, or
no dimmer). The MP4060 works in different
modes depending on the dimmer types to
achieve the best dimmer compatibility with the
highest performance.
Phase-Cut-Based Dimming Control
The
MP4060
implements
phase-cut-based
dimming control (both for leading-edge and
trailing-edge
dimmers).
For
leading-edge
dimmers, most are TRIAC-based. Usually, the
TRIAC dimmer consists of a bi-directional SCR
and an adjustable turn-on phase. Figure 12
shows
the
leading-edge
TRIAC
dimmer
waveforms.
Line voltage
after TRIAC
dimm er
Input line
voltage before
TRIAC dim m er
Rectified line
voltage
Dimmer
turn on
phase
Line cycle
Figure 12—Leading-edge dimmer waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com