Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4060GS Datasheet HTML 4Page - Monolithic Power Systems MP4060GS Datasheet HTML 5Page - Monolithic Power Systems MP4060GS Datasheet HTML 6Page - Monolithic Power Systems MP4060GS Datasheet HTML 7Page - Monolithic Power Systems MP4060GS Datasheet HTML 8Page - Monolithic Power Systems MP4060GS Datasheet HTML 9Page - Monolithic Power Systems MP4060GS Datasheet HTML 10Page - Monolithic Power Systems MP4060GS Datasheet HTML 11Page - Monolithic Power Systems MP4060GS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
8
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (Continued)
Typical values are VCC = 20 V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 20 V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Internal control MOSFET
Breakdown voltage
BVDSS
VGS = 0
30
V
ID = 100 mA, TJ = 25 °C
250
mΩ
Drain-source on resistance
RDS(ON)
I D= 100 mA, TJ = 25 °C,
VCC = VCCEN + 50 mV
250
mΩ
Internal OVP pull-up MOSFET
Breakdown voltage
BVDSS_D_VCC
VGS_D_VCC = 0
30
V
Continued drain current
ID_D_VCC
10
17
27
mA
Internal dimming pull-down current source
Strong
dimming
pull-down
current
(for leading-edge dimmer)
IDP_STRONG_LD
27
35
43
mA
Weak
dimming
pull-down
current
(for leading-edge dimmer)
IDP_WEAK_LD
8
10
12
mA
Pull-down current
(for trailing-edge dimmer)
IDP_TL
133
150
167
mA
Min clamp ratio of pull-down
current
(for trailing-edge dimmer)
IDP_MIN/IDP_TL
13
%
DAMP
Turn-off threshold
VMULT_DAMP_OFF VMULT falling edge
0.22
0.25
0.28
V
Turn-on threshold
VMULT_DAMP_ON VMULT rising edge
0.32
0.35
0.38
V
Pull-down current
IDAMP_PULL_DOWN VDAMP = 5 V
290
370
450
μA
Pull-up current
IDAMP_PULL_UP VDAMP = 0.3 V
70
90
110
μA
Upper clamp voltage
VDAMP_CLAMP
13
15
16.5
V
Min pull-up voltage
VDAMP_MIN
VCC = VCCEN +50 mV
5.5
V
Internal bleeder disable MOSFET (open-drain output)
IBD = 5 mA
60
115
Ω
Bleeder
disable
FET
on
resistance
RDS(ON)_BD
IBD = 5 mA,
VCC = VCCEN + 50 mV
60
115
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com