Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4060GS Datasheet HTML 1Page - Monolithic Power Systems MP4060GS Datasheet HTML 2Page - Monolithic Power Systems MP4060GS Datasheet HTML 3Page - Monolithic Power Systems MP4060GS Datasheet HTML 4Page - Monolithic Power Systems MP4060GS Datasheet HTML 5Page - Monolithic Power Systems MP4060GS Datasheet HTML 6Page - Monolithic Power Systems MP4060GS Datasheet HTML 7Page - Monolithic Power Systems MP4060GS Datasheet HTML 8Page - Monolithic Power Systems MP4060GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
5
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values are VCC = 20 V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VC = 20 V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply voltage
Operating range
VCC
After turn on
11
27
V
VCC upper level: Internal
charging circuit stops and IC
turns on
VCCH
9.5
10
10.5
V
VCC lower level: Internal
charging circuit triggers
VCCL
8.55
9
9.45
V
VCC Re-charge & IC turn-off
level in fault condition
VCCEN
Fault condition
6.7
7.15
7.6
V
Supply current
VCC charging current from D
ID_CHARGE
VD = 16 V, VCC = 5 V
13
25
40
mA
Pull-down current
before start-up
ICC_PULL_DOWN VCC = 9 V, rising
0.95
1.25
1.8
mA
Quiescent current
IQ
No switching, VCC = 15 V
800
1500
µA
Quiescent current at fault
IQ_FAULT
Fault condition, IC latch,
VCC = 15 V
220
340
620
µA
Operating current
ICC
fS = 70 kHz, VCC = 15 V
1
2
mA
Multiplier
Linear operation range
VMULT
VCOMP from 1.9 V to 4.9 V
0
3
V
VCOMP = 2 V, VMULT = 0.5 V
0.9
1.28
1.6
1/V
VCOMP = 2 V, VMULT =1.5 V
0.9
1.25
1.6
1/V
Gain
K
(5)
VCOMP = 2 V, VMULT = 3 V
0.9
1.24
1.6
1/V
TRIAC dimming phase-off
detection threshold
VMULT_OFF
VMULT falling edge
0.08
0.1
0.12
V
TRIAC dimming phase-on
detection threshold
VMULT_ON
VMULT rising edge
0.26
0.28
0.30
V
TRIAC dimming off line-cycle
blanking ratio
DOFF_LEB
28
30
33
%
VMULT_DP_ON_TL
Trailing-edge dimmer,
VMULT falling edge
0.43
0.45
0.47
V
Dimming pull-down MOSFET
turn-on threshold
VMULT_DP_ON_LD
Leading-edge dimmer,
VMULT falling edge
0.22
0.25
0.28
V
VMULT_DP_OFF_TL
Trailing-edge dimmer,
VMULT rising edge
0.26
0.28
0.3
V
Dimming pull-down MOSFET
turn-off threshold
VMULT_DP_OFF_LD
Leading- edge dimmer,
VMULT rising edge
0.32
0.35
0.38
V
Leading-edge dimming
detection low threshold
VMULT_LD_LOW
VMULT rising edge, for
MSOP only
0.08
0.1
0.12
V
Leading-edge dimming
detection high threshold
VMULT_LD_HIGH VMULT rising edge
0.26
0.28
0.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com