Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP4060GS Datasheet HTML 17Page - Monolithic Power Systems MP4060GS Datasheet HTML 18Page - Monolithic Power Systems MP4060GS Datasheet HTML 19Page - Monolithic Power Systems MP4060GS Datasheet HTML 20Page - Monolithic Power Systems MP4060GS Datasheet HTML 21Page - Monolithic Power Systems MP4060GS Datasheet HTML 22Page - Monolithic Power Systems MP4060GS Datasheet HTML 23Page - Monolithic Power Systems MP4060GS Datasheet HTML 24Page - Monolithic Power Systems MP4060GS Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
23
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Input
200~240VAC/50Hz
LED-
LED+
Output
72V/125mA
MB6S
2
1
BD1
600V/0.5A
51
1W
R2
1
2
3mH
L1
100nF/450V
C1
C8
220nF/450V
EE13
182Ts
54Ts
2
3
T1
Lm=1.56mH
ISU04N65A
1
Q1
650V/4A
22uF/50V
C4
ES1J
1
2
SMA
600V/1A
D3
6.8k/1W
R12
3DD13001
1
Q2
400V/0.2A
1N4148W
D7
75V/0.15A
S1JL
1
2
600V/1A
D6
S1JL
1
2
600V/1A
D5
20/1%/1206
R11
330uF/80V
C7
0.25W
1M/1%
R3
100nF
450V
C2
470nF
25V
C5
RLZ TE-11 18D
16.82V/10mA
D1
68.1k/1%
R9
30/0805
R6
2k
R14
510
1W
R13
4.02k/1%
R4
3.3nF
50V
C3
0805
2/1%
R7
249k/1%
R8
1206
100k
R10
S1JL
1
2
600V/1A
D4
11.3k
R15
1206
10nF/630V
C9
MULT
1
ZCD
2
VCC
3
DAMP
4
S
7
DIM
8
GND
9
COMP
10
BD
5
D
6
U1
MP4060GK
1
Q3
NS
NS
C11
2.2uF/10V
C6
1M/0.25W
R5
1
2
D8
1N4148WS/75V/0.15A
10nF
50V
C10
1206
20
R16
DSF1J
1
2
600V/1A
D2
NS
R18
TVR07431
RV1
39
1W
FR1
test point
0805
6.8/1%
R1
1206
0
R17
Figure 21—A19 bulb driver, 200 VAC-240 VAC/50 Hz input, VO = 72 V, IO = 125 mA, buck-boost converter,
high-performance. EVB model: EV4060-K-00A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com