Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4060GS Datasheet HTML 10Page - Monolithic Power Systems MP4060GS Datasheet HTML 11Page - Monolithic Power Systems MP4060GS Datasheet HTML 12Page - Monolithic Power Systems MP4060GS Datasheet HTML 13Page - Monolithic Power Systems MP4060GS Datasheet HTML 14Page - Monolithic Power Systems MP4060GS Datasheet HTML 15Page - Monolithic Power Systems MP4060GS Datasheet HTML 16Page - Monolithic Power Systems MP4060GS Datasheet HTML 17Page - Monolithic Power Systems MP4060GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
14
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
SOIC-8
Pin#
MSOP-10
Name
Description
1
1
MULT
One of the internal multiplier inputs.
Connect MULT to the tap of a
resistor divider from the rectified voltage of the AC line. The half-wave
sinusoid signal on MULT provides a reference signal for the internal
current control loop. MULT is also used for dimmer type detection and
dimming phase detection.
2
2
ZCD
Zero-current detection
. A falling edge triggers the internal MOSFET’s
turn-on signal. Connect ZCD to the tap of a resistor divider from the
auxiliary winding to GND. ZCD detects the over-voltage condition. Over-
voltage occurs if VZCD exceeds the over-voltage protection (OVP)
threshold (after a blanking time) when the internal MOSFET turns off.
ZCD is also used to select the strong/weak dimming pull-down current
in leading-edge dimming. ZCD detects the output short-circuit condition.
3
3
VCC
Supply voltage.
VCC provides the supply power for both the control
signal and the internal MOSFET’s gate driver. Connect VCC to an
external bulk capacitor (22 µF, typically).
4
5
BD
Bleeder disable output.
BD integrates a FET. Its open-drain output is
applied to pull down the external active bleeder’s control signal to
disable the bleeder.
5
6
D
Internal low-side main MOSFET drain.
D is connected to the source
of the external high-side main MOSFET. Also, B is connected internally
to VCC through a diode and a JFET to form an internal charging circuit
for VCC. There is a MOSFET and diode connected in series internally to
pull up D to VCC during a fault condition, which turns off the main switch
reliably. There is an intelligent dimming pull-down current source on D.
6
7
S
Internal low-side main MOSFET source.
Connect a resistor from S to
GND to sense the internal MOSFET current. An internal comparator
compares the resulting voltage to the internal sinusoid shaped current
reference signal to determine when the MOSFET turns off. If the voltage
exceeds the upper current-clamp threshold (after the leading-edge
blanking time during the turn-on interval), the gate signal turns off. Over-
current occurs if Vs exceeds OCP voltage during the gate-on interval
after the OCP leading-edge blanking time.
7
9
GND
Ground
. Current return of the control signal and power signal.
8
10
COMP
Loop compensation.
Connect COMP to a compensation network to
stabilize the LED driver and accurately control the LED driver current.
--
4
DAMP Gate control pin of the external damping MOSFET.
--
8
DIM
Gate driver.
The DIM signal from the internal control logic. DIM is used
to control the color temperature and brightness for warm sunset
dimming or drive an external dummy Load to enlarge the dimming
depth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com