Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP4060GS Datasheet HTML 16Page - Monolithic Power Systems MP4060GS Datasheet HTML 17Page - Monolithic Power Systems MP4060GS Datasheet HTML 18Page - Monolithic Power Systems MP4060GS Datasheet HTML 19Page - Monolithic Power Systems MP4060GS Datasheet HTML 20Page - Monolithic Power Systems MP4060GS Datasheet HTML 21Page - Monolithic Power Systems MP4060GS Datasheet HTML 22Page - Monolithic Power Systems MP4060GS Datasheet HTML 23Page - Monolithic Power Systems MP4060GS Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
20
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
For trailing-edge dimmers, the waveforms are
shown in Figure 13.
Figure 13—Trailing-edge dimmer waveforms
The MP4060 detects the dimming turn-on cycle
through MULT. Based on the turn-on cycle, the
control circuitry adjusts the internal reference
voltage. MULT voltage exceeding VMULT_ON is
recognized as a dimmer turn-on signal. MULT
voltage below VMULT_OFF is recognized as a
dimmer turn-off signal. The MP4060 has a 30
percent line-cycle-detection blanking time at each
line cycle. The real phase detector output is
added to this blanking time to determine the
reference voltage. If it is higher than 100 percent,
the reference voltage is clamped to 100 percent
(see Figure 14). This means if the turn-on cycle
exceeds 70 percent of the line cycle, the
reference maintains the maximum value, which
means the maximum output current with different
dimmers is almost the same as the rated output
current.
Figure14—Dimming turn-on cycle detector
The internal reference voltage decreases when
the turn-on cycle decreases to less than 70
percent of the line cycle, lowering the output
current. As the dimming turn-on cycle decreases,
the COMP voltage decreases. For a leading-
edge dimmer, once the COMP voltage reaches
VCOMPL_LD, it is clamped. The output current
decreases slowly to maintain the TRIAC holding
current and avoid random flicker. Figure15 shows
the
relationship
between
the
leading-edge
dimming turn-on phase and the output current.
Figure 15—Leading-edge dimming curve
For a trailing-edge dimmer, there is no holding
current. The COMP voltage is clamped at a lower
level (VCOML_TL) to get a deeper dimming depth.
Figure 16 shows the relationship between the
trailing-edge dimming turn-on phase and the
output current.
Figure 16:—Trailing-edge dimming curve
Dimming Pull-Down Current Source
There are three kinds of dimming pull-down
current sources in MP4060. The IDP_TL current
source is for trailing-edge dimming, the other two
(weak/strong) current sources are for leading-
edge dimming. The dimming pull-down current is
used to pull down the rectified line voltage to zero
quickly to avoid a mis-detection on MULT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com