Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060GS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4060GS
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060GS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4060GS Datasheet HTML 5Page - Monolithic Power Systems MP4060GS Datasheet HTML 6Page - Monolithic Power Systems MP4060GS Datasheet HTML 7Page - Monolithic Power Systems MP4060GS Datasheet HTML 8Page - Monolithic Power Systems MP4060GS Datasheet HTML 9Page - Monolithic Power Systems MP4060GS Datasheet HTML 10Page - Monolithic Power Systems MP4060GS Datasheet HTML 11Page - Monolithic Power Systems MP4060GS Datasheet HTML 12Page - Monolithic Power Systems MP4060GS Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
9
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (Continued)
Typical values are VCC = 20 V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 20 V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
DIM
Source current
IDIM_SOURCE
2
3
4
mA
Sink current
IDIM_SINK
1.5
2.8
4
mA
Output high level
VDIM_HIGH
5.0
6.1
V
Output low level
VDIM_LOW
0.3
V
Starter
Re-start timer period
tSTART
100
130
165
µs
Short-circuit detection
Short-circuit detection timer
tSC
In auto-restart mode,
only dimming on time is
counted
60
ms
Thermal protection
Thermal foldback threshold
TSTART
(6)
145
°C
Thermal shutdown threshold
TSD
(6)
155
°C
Thermal
shutdown
recovery
hysteresis
THYS
(6)
25
°C
NOTES:
5) The multiplier output is given by: Vs = K•VMULT• (VCOMP-1.5).
6) Guaranteed by characterization.
7) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com