Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP5032 Datasheet HTML 10Page - Monolithic Power Systems MP5032 Datasheet HTML 11Page - Monolithic Power Systems MP5032 Datasheet HTML 12Page - Monolithic Power Systems MP5032 Datasheet HTML 13Page - Monolithic Power Systems MP5032 Datasheet HTML 14Page - Monolithic Power Systems MP5032 Datasheet HTML 15Page - Monolithic Power Systems MP5032 Datasheet HTML 16Page - Monolithic Power Systems MP5032 Datasheet HTML 17Page - Monolithic Power Systems MP5032 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
17
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
IN
OUT
ADJ
ILIM
GND
MP5032
DP
DM
OUT
3.6V-12V
R3
1.5kΩ
C2
22μF
Type-A
C3
22μF
EN
IN
EN/SYNC
VCC
ISENSE
AGND
PGND
BST
SW
FB
VIN
12V-36V
C4
0.1μF
C5
0.1μF L1
15μH
R1
82.5kΩ
R2
24.3kΩ
MP2499M
R5
1kΩ
C1
66μF
QC3.0
R4
33kΩ
1
2
3
4
5
6
7
8
1,2
4
5
6
7
8
9
10
11,12,13
Figure 10: MP5032 + MP2499M for CLA Car Charger
VIN
22µF
C3A
22nF
C8
0.1µF
C5
4.7µF
C4
49.9kΩ
R1
14.3kΩ
R2
3kΩ
R9
8.2nF
C6
44µF
C1
30kΩ
R8
22µF
C3B
22µF
C3C
0.1µF
C2D
3-4.2V
MP3431
VDD
2
SS
3
COMP
4
FB
5
OUT
8
ILIM
9
MODE
10
EN
11
VIN
12
1.5µH
L1
J1
20kΩ
R7
130kΩ
R6
10nF
C7
34kΩ
R5
1kΩ
R4
1kΩ
1-2: FCCM
2-3: PSM
Float 2: USM
IN
OUT
ADJ
ILIM
GND
DP
DM
OUT
4.5V-12V
R3
1.5kΩ
QC3.0
MP5032
Type-A
22µF
C2
EN
1
2
3
4
5
6
7
8
R10
Figure 11: MP5032 + MP3431 for Power Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com