Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5032 Datasheet HTML 1Page - Monolithic Power Systems MP5032 Datasheet HTML 2Page - Monolithic Power Systems MP5032 Datasheet HTML 3Page - Monolithic Power Systems MP5032 Datasheet HTML 4Page - Monolithic Power Systems MP5032 Datasheet HTML 5Page - Monolithic Power Systems MP5032 Datasheet HTML 6Page - Monolithic Power Systems MP5032 Datasheet HTML 7Page - Monolithic Power Systems MP5032 Datasheet HTML 8Page - Monolithic Power Systems MP5032 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
5
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, RILIM = 1.5kΩ, TJ = -40°C to 125°C (7), typical value is tested at TJ = +25°C, unless
otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
OCP on time of hiccup
THIC_ON
VOUT<3.5V
2
ms
OCP off time of hiccup
THIC_OFF
2
s
Shutdown Temperature(8)
TSTD
160
°C
Hysteresis(8)
THYS
35
°C
BC1.2 DCP Mode
DP/DM short resistance
RDP/DM_Short VDP = 0.8V, IDM = 1mA
50
Ω
1.2V/1.2V Mode
DP/DM output voltage
VDP/DM_1.2V
1.1
1.2
1.3
V
DP/DM output impedance
RDP/DM_1.2V
200
300
400
k
Ω
Divider Mode
DP/DM output voltage
VDP/DM
VIN = VOUT = 5V
2.5
2.7
2.85
V
DP/DM output impedance
RDP/DM
18
22
28
kΩ
Quick Charge 3.0 Mode
DP/DM low voltage
VQC_LOW
0.25
0.3
0.4
V
DP/DM high voltage
VQC_High
1.8
2
2.2
V
DP output impedance
RDP_QC
250
350
450
kΩ
DM output impedance
RDM_QC
15
20
25
kΩ
DM low glitch time (8)
TGlitch_DM
10
ms
DP high glitch time
TGlitch_DP
1000
1500
ms
Output voltage change glitch
time
TGlitch_V_
Change
20
40
60
ms
Bus voltage step
VBUS_CONT_
STEP
150
200
250
mV
Time for VBUS to discharge to
5V when DP < 0.6V (8)
TV_UNPLUG
500
ms
NOTES:
7) Guaranteed by over-temperature correlation, not tested in production.
8) Guaranteed by engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com