Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5032 Datasheet HTML 3Page - Monolithic Power Systems MP5032 Datasheet HTML 4Page - Monolithic Power Systems MP5032 Datasheet HTML 5Page - Monolithic Power Systems MP5032 Datasheet HTML 6Page - Monolithic Power Systems MP5032 Datasheet HTML 7Page - Monolithic Power Systems MP5032 Datasheet HTML 8Page - Monolithic Power Systems MP5032 Datasheet HTML 9Page - Monolithic Power Systems MP5032 Datasheet HTML 10Page - Monolithic Power Systems MP5032 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
7
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 5V, VOUT = 5V, RILIM = 1.5kΩ, TA = 25°C, unless otherwise noted.
Start-Up through Enable
IOUT = 0A
Shutdown through Enable
IOUT = 0A
CH1: VOUT
2V/div.
CH2:
VIN/MP5030
2V/div.
CH3: VEN
5V/div.
CH4: IOUT
2A/div.
CH1: VOUT
2V/div.
CH2:
VIN/MP5030
2V/div.
CH3: VEN
5V/div.
CH4: IOUT
2A/div.
500µs/div.
20ms/div.
Mode Transition from 5V to 9V
IOUT = 0A, from QC 2.0_5V to 9V
Mode Transition from 5V to 9V
Zoom in 5V to 9V Slew Rate
CH1: VOUT
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
CH1: VOUT
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
10ms/div.
500µs/div.
Mode Transition from 9V to 12V
IOUT = 0A, from QC 2.0_9V to 12V
Mode Transition from 9V to 12V
Zoom in 9V to 12V Slew Rate
CH1: VOUT
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
CH1: VOUT
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
10ms/div.
500µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com