Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5032 Datasheet HTML 10Page - Monolithic Power Systems MP5032 Datasheet HTML 11Page - Monolithic Power Systems MP5032 Datasheet HTML 12Page - Monolithic Power Systems MP5032 Datasheet HTML 13Page - Monolithic Power Systems MP5032 Datasheet HTML 14Page - Monolithic Power Systems MP5032 Datasheet HTML 15Page - Monolithic Power Systems MP5032 Datasheet HTML 16Page - Monolithic Power Systems MP5032 Datasheet HTML 17Page - Monolithic Power Systems MP5032 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
14
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Current Limit (A)
RLIM=1.5k
Vbus (V)
12
3.2
6.6
9.8
2.7
2.08
Figure 5: Over-Current Threshold vs. VBUS
For Table 2, the external RLIMIT can set the
current-limit threshold. In QC 2.0 mode, the
9V/
12V output’s current-limit threshold varies
accordingly to maintain a fairly constant power
limit. In QC 3.0 mode, when 3.6V < VOUT <
6.6V, the MP5032 uses a 5V mode current limit.
When 6.6V
≤ VOUT < 9.8V, the MP5032 uses a
9V mode current limit. When VOUT ≥ 9.8V, the
MP5032 uses a 12V mode current limit.
If the over-current (OC) is triggered, and VOUT <
3.5V lasts for 2ms, the MP5032 enters hiccup
mode. If OC occurs but VOUT > 3.5V, the
MP5032 works in constant current (CC) limit
mode without hiccup. In this case, VOUT drops
while the output current increases slowly.
Figure 6 shows the curve of VOUT versus the
output current after triggering the 5V current
limit.
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
3
3.1
3.2
3.3
3.4
3.5
OUTPUT CURRENT (A)
Vin=5V
Figure 6: I-V Curve after OC is Triggered
In hiccup mode, the MP5032 turns off the
power MOSFET. The hiccup signal resets QC
mode to 5V. ADJ starts to change VIN to 5V,
and the current-limit threshold changes to the
5V spec. Two seconds (hiccup off-timer) later,
the MP5032 restarts to check the OC state. If
the OC still remains in 5V mode, the MP5032
follows the previous operation. If the OC does
not exist in 5V mode, the MP5032 recovers to
operate normally in 5V mode (see Figure 7).
THIC_ON
THIC_OFF
Vout
Iout
<3.5V
Figure 7: Over-Current Protection
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short circuit, the current may exceed the current
limit threshold greatly before the control loop
can respond. If the current reaches an internal
secondary current-limit level (about 6A), a fast
turn-off circuit activates to turn off the power
MOSFET. This limits the peak current through
the switch to limit the input voltage drop. The
fast-off response time typical value is 700ns. If
the fast-off works, the power MOSFET remains
off for 300
μs. Afterward, the power MOSFET
turns on again. If the part is still in a short-circuit
condition, the MP5032 treats this as an over-
current condition to enter hiccup mode. After
the short-circuit condition is removed, the
MP5032 recovers automatically.
Auto Detection
The MP5032 integrates the USB dedicated
charging
port
auto-detect
function,
which
recognizes most mainstream portable devices.
It supports the following charging schemes:
• USB Battery Charging Specification BC1.2/
Chinese
Telecommunications
Industry
Standard YD/T 1591-2009
• Divider mode
• 1.2V/1.2V mode
• Qualcomm quick charge mode 3.0 and 2.0
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
160°C, the entire chip shuts down. When the
temperature falls below its lower threshold
(typically 125°C), the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com