Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5032 Datasheet HTML 6Page - Monolithic Power Systems MP5032 Datasheet HTML 7Page - Monolithic Power Systems MP5032 Datasheet HTML 8Page - Monolithic Power Systems MP5032 Datasheet HTML 9Page - Monolithic Power Systems MP5032 Datasheet HTML 10Page - Monolithic Power Systems MP5032 Datasheet HTML 11Page - Monolithic Power Systems MP5032 Datasheet HTML 12Page - Monolithic Power Systems MP5032 Datasheet HTML 13Page - Monolithic Power Systems MP5032 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
10
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
EN
Enable control. EN has an internal auto pull-up current to 5V. Float EN or apply a logic
high voltage to enable the IC. Pull EN to logic low to disable the IC.
2
OUT
Output of USB current limit switch.
3
IN
Supply voltage.
4
GND
Ground.
5
ADJ
Output voltage adjustment. ADJ sinks a current from the upstream DC/DC converter's
FB pin to ground to regulate the DC/DC converter's output voltage. ADJ also supports
line drop compensation.
6
ILIM
Set the current limit level. Place a resistor between ILIM and GND to achieve a high-
accuracy current limit. The current limit threshold varies versus the output voltage to
maintain a fairly constant output power limit.
7
DM
D- data line to USB connector. DM is the input/output used for handshaking with
portable devices.
8
DP
D+ data line to USB connector. DP is the input/output used for handshaking with
portable devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com