Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5032 Datasheet HTML 2Page - Monolithic Power Systems MP5032 Datasheet HTML 3Page - Monolithic Power Systems MP5032 Datasheet HTML 4Page - Monolithic Power Systems MP5032 Datasheet HTML 5Page - Monolithic Power Systems MP5032 Datasheet HTML 6Page - Monolithic Power Systems MP5032 Datasheet HTML 7Page - Monolithic Power Systems MP5032 Datasheet HTML 8Page - Monolithic Power Systems MP5032 Datasheet HTML 9Page - Monolithic Power Systems MP5032 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
6
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 5V, VOUT = 5V, RILIM = 1.5kΩ, TA = 25°C, unless otherwise noted.
RDS(ON) vs. Input Voltage
Quiescent Current vs. Input Voltage
EN Float
24
26
28
30
32
34
36
38
40
42
44
3
4
5
6
7
8
9
10
11
12
INPUT VOLTAGE (V)
100
150
200
250
300
350
400
3
4
5
6
7
8
9
10
11
12
INPUT VOLTAGE (V)
Line Drop Compensation
VIN = 5V Only
Current Limit vs. RLIMIT
VIN = 5V Only
0
50
100
150
200
250
300
350
400
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
RLIMIT (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com