Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5032 Datasheet HTML 1Page - Monolithic Power Systems MP5032 Datasheet HTML 2Page - Monolithic Power Systems MP5032 Datasheet HTML 3Page - Monolithic Power Systems MP5032 Datasheet HTML 4Page - Monolithic Power Systems MP5032 Datasheet HTML 5Page - Monolithic Power Systems MP5032 Datasheet HTML 6Page - Monolithic Power Systems MP5032 Datasheet HTML 7Page - Monolithic Power Systems MP5032 Datasheet HTML 8Page - Monolithic Power Systems MP5032 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
4
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, RILIM = 1.5kΩ, TJ = -40°C to 125°C (7), typical value is tested at TJ = +25°C, unless
otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN under-voltage lockout
rising threshold
VIN_UVLO1
ADJ starts to work
2.7
3.0
3.3
V
UVLO hysteresis
VUVLOHYS1
880
mV
Second VIN under-voltage
lockout rising threshold
VIN_UVLO2
Power MOSFET turn-on
3.7
3.9
4.1
V
Second UVLO hysteresis
VUVLOHYS2
500
mV
EN rising threshold
VEN_R
1.17
1.21
1.25
V
EN hysteresis
VEN_HYS
200
mV
EN auto pull-up current
IEN_UP
7
11.5
16
μA
Shutdown current
IQ_STD
EN = 0, VIN = 5V
280
μA
Supply current
IQ
VIN = 5V, no load
250
320
μA
USB Power MOSFET
On resistance
RDSON
VIN = 5V, IOUT = 0.5A, TJ = 25°C
32
40
mΩ
VIN = 5V, IOUT = 0.5A, TJ = -40°C
to 125°C
32
55
Input discharge resistance
RDIS
VIN_OVP = 6V
72
105
Ω
Soft-start time
TSS
VIN = 5V, no load, VOUT from 10%
to 90%
330
μs
Current Limit Set
USB current limit
ILIMIT
VIN = 5V, VOUT starts to drop
3.05
3.2
3.4
A
VIN = 9V (QC 2.0, 9V mode or QC
3.0, 3.6V
≤ VOUT < 6.6V),
VOUT starts to drop
2.51
2.70
2.89
VIN = 12V (QC 2.0, 12V mode or
QC 3.0, 6.6V
≤ VOUT < 9.8V),
VOUT starts to drop
1.87
2.08
2.29
Output Voltage Control
Default VIN
VIN_Def1
IOUT = 0A, TJ = 25°C
5.05
5.10
5.15
V
VIN_Def2
IOUT = 0A, TJ = -40°C to 125°C
5
5.10
5.2
V
9VIN voltage
VIN_9
8.82
9
9.18
V
12VIN voltage
VIN_12
11.76
12
12.24
V
VADJ sink current capability
VADJ = 0.8V
500
μA
Line drop compensation
VIN_5_C
IOUT = 2.4A, only 5VIN active
330
440
mV
Protection
VIN OVP threshold
VOV_TH
VIN rising edge, VIN = 5V
110
115
120
%
VIN rising edge, VIN = 9V
110
115
120
VIN rising edge, VIN = 12V
110
115
120
VIN OVP Recovery
Threshold
VOV_Recovery Reset mode to 5V default
5.35
5.5
5.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com