Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5032 Datasheet HTML 9Page - Monolithic Power Systems MP5032 Datasheet HTML 10Page - Monolithic Power Systems MP5032 Datasheet HTML 11Page - Monolithic Power Systems MP5032 Datasheet HTML 12Page - Monolithic Power Systems MP5032 Datasheet HTML 13Page - Monolithic Power Systems MP5032 Datasheet HTML 14Page - Monolithic Power Systems MP5032 Datasheet HTML 15Page - Monolithic Power Systems MP5032 Datasheet HTML 16Page - Monolithic Power Systems MP5032 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
13
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
In no-load condition, if the input voltage is lower
than the typical 5.1V, ADJ sinks a current to
regulate the upstream regulator's output voltage
to 5.1V. If the input voltage is higher than 5.1V,
the MP5032 no longer regulates the input
voltage.
Figure 3 shows the typical ADJ usage. The ADJ
sink current capability is 500µA. The feedback
current through R1 must be less than 500µA.
Calculate R1 with Equation (1):
 
0.5
(V)
V
(V)
V
k
R1
FB
OUT
(1)
Where VOUT is the maximum output voltage to
be adjusted to.
IN
ADJ
MP5032
C1
Converter
OUT
FB
R1
R2
Figure 3: ADJ Configuration
Input Over-Voltage and Discharge
To protect the downstream device from an
over-voltage condition, the MP5032 provides an
input over-voltage protection (OVP) shutdown
function. Since the MP5032 supports QC 3.0
protocol, it has a dynamic OVP threshold.
An accurate and fast comparator monitors the
over-voltage condition of the input. If the input
voltage rises above the threshold, the gate of
the internal MOSFET is pulled low quickly, and
the power MOSFET is shut down. At the same
time, the input-to-ground discharge path is
active. When input voltage falls below the
typical 5.5V, the MP5032 exits OVP mode.
The OVP shutdown function is blanked during
the high-to-low voltage mode change period.
The input-to-ground discharge resistance is
always active during the high-to-low voltage
mode change period. The discharge path is
turned off when FB is lower than 108% * VREF
with 20ms of additional delay (see Figure 4).
t
V
Discharge
Enable
VIN
20ms
VFB=108%*Vref
Figure 4: Input Discharge during High Voltage to
Low Voltage Transition
QC mode is reset during the OVP rising edge.
Over-Current Protection (OCP)
The MP5032 provides a constant current limit.
The current-limit threshold is adjustable by an
external resistor.
Once
the
device
reaches
its
current-limit
threshold, the internal circuit regulates the gate
voltage to hold the current in the power
MOSFET constant.
The MP5032 supports different voltage modes.
Table 2 shows the over-current threshold for
each case. Figure 5 shows an example of the
current limit versus the bus voltage curve.
Table 2: OCP Threshold vs. Bus Voltage
USB Bus
Voltage
Mode
Over-Current
Threshold (VLIMIT)
5V
(actually 5.1V)
BC1.2 or
QC 2.0
4.8
9V
QC 2.0
4.08
12V
QC 2.0
3.12
3.6V - 6.4V
QC 3.0
4.8
6.6V - 9.6V
4.08
9.8V - 12V
3.12
The current-limit threshold can be calculated
with Equation (2):
)
Ω
(k
R
V
(A)
I
LIMIT
LIMIT
LIMIT
(2)
If the current limit is set below 1A, the VLIMIT
accuracy cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com