Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5032 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5032 Datasheet HTML 1Page - Monolithic Power Systems MP5032 Datasheet HTML 2Page - Monolithic Power Systems MP5032 Datasheet HTML 3Page - Monolithic Power Systems MP5032 Datasheet HTML 4Page - Monolithic Power Systems MP5032 Datasheet HTML 5Page - Monolithic Power Systems MP5032 Datasheet HTML 6Page - Monolithic Power Systems MP5032 Datasheet HTML 7Page - Monolithic Power Systems MP5032 Datasheet HTML 8Page - Monolithic Power Systems MP5032 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP5032
QC 3.0 Controller with
Integrated Current-Limit Switch
MP5032 Rev r1.0
www.MonolithicPower.com
1
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP5032 integrates a USB current-limit
switch and charging port identification circuit.
The MP5032 achieves 3A of continuous output
current over a wide input supply range.
The output of the USB switch is current-limit
programmable. The MP5032 supports DCP
schemes for
battery charging specification
(BC1.2), divider mode, 1.2V/1.2V mode, and
quick charge specification (QC 3.0) without the
need for external user interaction.
The
MP5032
provides
linear
line
drop
compensation.
Full protection features include hiccup current
limiting, input over-voltage protection (OVP),
and thermal shutdown.
The MP5032 requires a minimal number of
readily
available,
standard,
external
components to complete the USB switch and
charging mode auto-detection solution. The
MP5032 is available in an 8-pin TSOT23
package.
FEATURES
 Wide 3.6V to 14V Operating Input Voltage
Range
 Supports QC 3.0 (3.6V - 12V
OUT) and DCP
Schemes for BC1.2, Divider Mode, and
1.2V/1.2V Mode
 Line Drop Compensation for 5V Output
 Fairly Constant Power Limit
 32mΩ Low R
DS(ON) Power MOSFET
 Input Discharge during High Voltage to Low
Voltage Change
 Intelligent Input Over-Voltage Shutdown
Protection
 Compatible with Buck and Boost Converters
 Available in a TSOT23-8 Package
APPLICATIONS
 USB Power Supplies
 Automotive Cigarette Lighter Adapters
 Power Banks
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
OUT
ADJ
ILIM
GND
MP5032
DP
DM
OUT
3.6V-12V
R3
1.5kΩ
C2
22μF
Type-A
C3
22μF
EN
IN
EN/SYNC
VCC
ISENSE
AGND
PGND
BST
SW
FB
VIN
12V-36V
C4
0.1μF
C5
0.1μF
L1
15μH
R1
82.5kΩ
R2
24.3kΩ
MP2499M
R4
33kΩ
C1
66μF
QC3.0
Note: Set MP2499M original output to 3.5V by R1 and R2.


Similar Part No. - MP5032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP503 ETC2-MP503 Datasheet
276Kb / 1P
TMP FEMALE BULKHEAD TO SEMI-RIGID CABLE
logo
Shanghai Shunye Electro...
MP503 SHUNYE-MP503 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
logo
Monolithic Power System...
MP5030C MPS-MP5030C Datasheet
900Kb / 17P
USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
MP5030CGQH MPS-MP5030CGQH Datasheet
900Kb / 17P
USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
More results

Similar Description - MP5032

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2200 FAIRCHILD-FPF2200 Datasheet
1Mb / 13P
Integrated Load Switch with 500mA High Precision Current Limit
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
FPF2223 FAIRCHILD-FPF2223 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
logo
Dialog Semiconductor
IW657P DIALOG-IW657P Datasheet
611Kb / 9P
USB Power Delivery 3.0 Controller with Integrated Current Sense
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
NXP Semiconductors
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
TEA19051BTK NXP-TEA19051BTK_V01 Datasheet
431Kb / 60P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 3-21 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com