Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP5403 Datasheet HTML 13Page - Monolithic Power Systems MP5403 Datasheet HTML 14Page - Monolithic Power Systems MP5403 Datasheet HTML 15Page - Monolithic Power Systems MP5403 Datasheet HTML 16Page - Monolithic Power Systems MP5403 Datasheet HTML 17Page - Monolithic Power Systems MP5403 Datasheet HTML 18Page - Monolithic Power Systems MP5403 Datasheet HTML 19Page - Monolithic Power Systems MP5403 Datasheet HTML 20Page - Monolithic Power Systems MP5403 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
17
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
resistor discharges VOUT. The discharge resistor
is biased by VSUS (see Table 1).
Table 1: Output Discharge Conditions
Output Discharge
VIN
EN
No
>UVLO
High
Yes
>UVLO
Low
Yes
<UVLO
High
Yes
<UVLO
Low
Power Good (PG) Indicators
The MP5403 has three separate power good
(PG), open-drain, output indicators for the
regulators and load switch. For the two step-
down regulators, when FB is in the regulation
window (between 90% to 130% of the reference
voltage, 0.6V), PG1 and PG2 are pulled up to
the external bus voltage through external
resistors. The pull-up resistors are recommend
not to be too low to ensure that the leakage
current is small when the PG pins are low and
not too high if the PG pins are used to drive the
downstream signals. Normally, pull-up resistors
between
10kΩ to 400kΩ are sufficient. The PG
rising delay is around 20µs. If the FB voltage
drops below 90% or above 130% of the
reference voltage, the PG pins are pulled down
to
ground
by
an
internal
MOSFET.
The
MOSFET has a maximum RDS(ON) of less than
400Ω. There is also a 60µs delay for the PG
falling threshold trigger.
The power good pin for the load switch (PG3) is
pulled high when the input voltage of the load
switch (VIN3) is higher than its UVLO threshold,
the output voltage (VOUT3) is less than 200mV
compared with the input voltage of the load
switch, and there is around 40µs of rising delay
for the PG3 indicator. If any of these three
conditions are not met, PG3 is pulled low.
The PG indicators are pulled low when VIN1 is
below UVLO. In this condition, the PG pins are
self-driven low (around 0.6V).
There is another important feature on PG to
detect the parallel capability usage (see Figure
3). After VIN rises above ULVO and either EN1
or EN2 is high, the MP5403 uses an internal
50µs detection time window to determine if the
buck regulator is entering parallel mode. The
schematic in Figure 3 is only active in the 50µs
detection window.
During this 50µs time window, the PG1 (M2)
switch is turned off, and an internal 5µA pulled
high current is applied on PG1. The PG2 (M3)
switch (<400
Ω) is turned on. If the PG1 voltage
is <150mV, the MP5403 enters parallel mode
(EN1 controls the parallel mode on/off). If the
PG1 voltage is >150mV, the MP5403 enters
independent working mode (EN1 and EN2
control separately).
Low logic enter
parallel capability
mode
VIN
PG1
PG2
Turn off PG pull
down MOSFET
during 50
µs window
Controlled by PG2
logic, if FB2 is low,
turn on MOSFET
5µA current
during 50
µs
window
0.2V clamp
voltage
0.15V compare
voltage
M1
M2
M3
OP1
OP2
V1
V2
I1
Figure 3: PG Functional Schematic
If PG1 is connected to PG2 externally, the PG1
voltage is pulled below 150mV to make the
MP5403 enter parallel mode.
The
PG1
connection
requires
special
consideration
(see
Figure
4).
If
PG1
is
connected to an
other IC’s PG to control the
other
device
together,
a
resistor
(RT)
is
required to prevent the MP5403 from entering
parallel mode. RT is suggested to be 5
0kΩ.
MP5403
PG1
Other IC
PG
External
pull up
voltage
To other
PG
control
RP
RT
Figure 4: PG Connection Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com