Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5403 Datasheet HTML 1Page - Monolithic Power Systems MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems MP5403 Datasheet HTML 8Page - Monolithic Power Systems MP5403 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
4
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN1/2/3) ...........................6.5V
VSW1/2 ................................-0.3V (-5V for <10ns)
to 6.5V (10V for <10ns)
All other pins................................. -0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
……………………………………………2.08W (2)
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions (3)
Supply voltage (VIN1) ....................... 2.7V to 6V
If VIN1 > UVLO, supply voltage (VIN2) ..............
......................................................... 2.0V to 6V
If VIN1 > UVLO, supply voltage (VIN3) ..............
......................................................... 0.5V to 6V
If VIN1 < UVLO, supply voltage (VIN3) ..............
......................................................... 2.7V to 6V
Output voltage (VOUT1/2)............... 0.6V to VIN1/2
Output voltage (VOUT3)................................ VIN3
Operating junction temp. (TJ) ... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
UTQFN-20 (2.5mmx3mm)..... 60....... 13 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com