Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5403 Datasheet HTML 1Page - Monolithic Power Systems MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems MP5403 Datasheet HTML 8Page - Monolithic Power Systems MP5403 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
3
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP5403GQBU
UTQFN-20 (2.5mmx3mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP5403GQBU–Z)
TOP MARKING
APZ: Product code of MP5403GQBU
Y: Year code
WW: Week code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
AGND
GND
VIN1
VIN2
FB1
PFL_ADJ
CDELAY
SW1
VSUS
SW2
EN3
PG3
PG2
PG1
1
2
3
4
5
6
7
17
16
15
14
13
12
11
8
9
10
18
19
20
UTQFN-20 (2.5mmx3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com