Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5403 Datasheet HTML 10Page - Monolithic Power Systems MP5403 Datasheet HTML 11Page - Monolithic Power Systems MP5403 Datasheet HTML 12Page - Monolithic Power Systems MP5403 Datasheet HTML 13Page - Monolithic Power Systems MP5403 Datasheet HTML 14Page - Monolithic Power Systems MP5403 Datasheet HTML 15Page - Monolithic Power Systems MP5403 Datasheet HTML 16Page - Monolithic Power Systems MP5403 Datasheet HTML 17Page - Monolithic Power Systems MP5403 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
14
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
CDELAY
Programmable PFL low-to-high delay time. When CDELAY is floated, the delay time is
minimized.
2
PFL_ADJ
Power failure threshold adjust. A resistor divider connected to the voltage rails is
used to program the power failure threshold. The resistor divider needs to be
monitored.
3
VIN1
Input supply voltage to the 3.5A switching regulators and internal logic module.
Place a small decoupling capacitor as close to VIN1 and GND as possible.
4
AGND
Analog ground.
5
GND
Ground.
6
VIN2
Input supply voltage to the 2.5A switching regulators. Place a small decoupling
capacitor as close to VIN2 and GND as possible.
7
FB1
Feedback voltage sensing for the 3.5A regulator. Connect the output voltage of the
3.5A regulator through a resistor divider to FB1 to achieve output voltage regulation.
Pull FB1 to ground to operate the 3.5A regulator in 100% duty cycle on mode.
8
FB2
Feedback voltage sensing for the 2.5A regulator. Connect the output voltage of the
2.5A regulator through a resistor divider to FB2 to achieve output voltage regulation.
Pull FB2 to ground to operate the 2.5A regulator in 100% duty cycle on mode.
9
EN1
Enable on/off control for the 3.5A regulator.
There is a 2MΩ resistor from EN1 to
GND internally. Float or ground EN1 to turn off the 3.5A regulator.
10
EN2
Enable on/off control for the 2.5A regulator.
There is a 2MΩ resistor from EN2 to
GND internally. Float or ground EN2 to turn off the 2.5A regulator.
11
EN3
Enable on/off control for the load switch. There is a 2M
Ω resistor from EN3 to GND
internally. Float or ground EN3 to turn off the load switch.
12
SW2
Switch output for the 2.5A regulator. A thick and wide power routing trace is
recommended for SW2 to conduct current.
13
VSUS
Sustain voltage. Place a small decoupling capacitor as close to VSUS and GND as
possible.
14
SW1
Switch output for the 3.5A regulator. A thick and wide power routing trace is
recommended for SW1 to conduct current.
15
PG1
Power good for the 3.5A regulator. PG1 is an open-drain output. When the output
voltage is between -10% to +30% of the regulation, PG1 is pulled high externally.
When there is no supply, PG1 is pulled low internally.
16
PG2
Power good for the 2.5A regulator. PG2 is an open-drain output. When the output
voltage is between -10% to +30% of the regulation, PG2 is pulled high externally.
When there is no supply, PG2 is pulled low internally.
17
PG3
Power good for the load switch. PG3 is an open-drain output. When the output
voltage is below 200mV compared with the input voltage, PG3 is pulled high externally.
18
VIN3
Input supply voltage for the load switch.
19
OUT3
Output voltage for the load switch.
20
PFL
Power failure indicator. PFL is an open-drain output. When the PFL_ADJ voltage is
less than 0.6V, PFL is pulled low immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com