Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5403 Datasheet HTML 1Page - Monolithic Power Systems MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems MP5403 Datasheet HTML 8Page - Monolithic Power Systems MP5403 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP5403
Configurable 2.7V-6V Mini PMIC
with Dual 2.5A/3.5A Buck, One Load Switch,
and Input Power Supervisory
MP5403 Rev. 1.0
www.MonolithicPower.com
1
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.

DESCRIPTION
The
MP5403
is
a
monolithic
power
management
unit
containing
two
high-
efficiency, step-down, switching converters and
a load switch. The two regulators supply current
up to 3.5A and 2.5A separately, and the load
switch supplies up to 3A of load current with an
extremely low RDS(ON). With an input range of up
to 6V, the MP5403 is ideal for powering ASIC
and SOC for solid-state drives and other
compact power systems.
The peak-current-mode control scheme with
pulse-skip-mode operation provides the two
switchers with fast transient response, high
light-load efficiency, and minimum capacitance
by using an interleaving PWM clock between
the two switchers. The 3A load switch with a
low 20
mΩ on resistance provides flexible
system configuration.
A full set of enable control pins and power good
open-drain
indicators
allow
for
easy
implementation of the start-up and shutdown
sequences.
Full protection features include over-current
protection (OCP) and thermal shutdown.
The MP5403 requires a minimal number of
readily
available,
standard,
external
components and is available in a small UTQFN-
20 (2.5mmx3mm) package.
FEATURES
 Low I
q: 85µA for Two Switchers Total
 Two Buck Converters
o
3.5A with 55
mΩ/20mΩ RDS(ON)
o
2.5A with 6
0mΩ/22mΩ RDS(ON)
o
1.5MHz Switching Frequency
o
180° Interleaving Operation
o
100% Duty Cycle
o
Load Switch Mode by Pulling FB Low
o
Latch-Off Short-Circuit Protection (SCP)
o
Parallel Capability by Connecting SW
Nodes Together
o
Internal Soft Start and Output Discharge
o
Optimized Light-Load Efficiency
 Available Fixed Output Options via Package
Trim:
Ch1: 0.9V, 1.1V, 2.5V, 2.85V
Ch2: 0.9V, 1.2V, 1.8V, 2.5V
 One Load Switch
o
3A with 20
mΩ RDS(ON)
o
Soft Start and Output Discharge
o
Over-Current Protection (OCP)
 EN and Power Good for Power Sequencing
 Input Power Failure Indicator (PFL) with
Adjustable Threshold and Delay
 Thermal Shutdown
 Available in Ultra-Thin UTQFN-20
(2.5mmx3mm) Package
APPLICATIONS
 Solid-State Drives
 Hybrid Drives
 Low Voltage System Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS
green
status,
please
visit
the
MPS
website
under
Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP5403

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5403 MPS-MP5403 Datasheet
469Kb / 7P
High Efficiency Dual Buck and One Load Switch Power Management Unit EV Board
MP5403B MPS-MP5403B Datasheet
1Mb / 23P
Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
MP5403BGQBU MPS-MP5403BGQBU Datasheet
1Mb / 23P
Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
More results

Similar Description - MP5403

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
4670.2006.09.1.4
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400_15 Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
MIC7401 MICREL-MIC7401 Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
logo
Monolithic Power System...
EV5403-QB-02A MPS-EV5403-QB-02A Datasheet
469Kb / 7P
High Efficiency Dual Buck and One Load Switch Power Management Unit EV Board
logo
ON Semiconductor
FTL11639 ONSEMI-FTL11639 Datasheet
1Mb / 17P
Configurable Load Switch and Reset Timer
Sep 2014 Rev. 1.0.5
logo
Monolithic Power System...
MP5403B MPS-MP5403B Datasheet
1Mb / 23P
Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
logo
Maxim Integrated Produc...
MAX1687EVKIT MAXIM-MAX1687EVKIT Datasheet
114Kb / 4P
2.7V to 6V Input Voltage Range
1999
logo
Analog Devices
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
logo
Renesas Technology Corp
DA9080 RENESAS-DA9080 Datasheet
713Kb / 52P
High Current, Highly Configurable System PMIC with Four Bucks and One LDO
08-Feb-2022
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com