Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5403 Datasheet HTML 1Page - Monolithic Power Systems MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems MP5403 Datasheet HTML 8Page - Monolithic Power Systems MP5403 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
2
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION
MP5403
SW2
VIN1
FB1
FB2
SW1
EN3
GND, AGND
OUT3
EN2
PG3
PG2
PG1
EN1
L1
L2
C2
C1A
C1B
C2A
VIN3
PFL
VIN2
C1
R1
R2
R3
R4
PFL_ADJ
R6
R5
CDELAY
VSUS
Input Voltage
Output Voltage 1
3.5A DC
Output Voltage 2
2.5A DC
Output Voltage 3
3A DC
Two Bucks and One Load Switch
MP5403
SW2
VIN1
FB1
FB2
SW1
EN3
GND, AGND
OUT3
EN2
PG3
PG2
PG1
EN1
L1
C2
C1A
C1B
C2A
VIN3
PFL
VIN2
C1
R1
R2
PFL_ADJ
R6
R5
CDELAY
VSUS
Input Voltage
One Parallel Buck and One Load Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com