Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems MP5403 Datasheet HTML 8Page - Monolithic Power Systems MP5403 Datasheet HTML 9Page - Monolithic Power Systems MP5403 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
6
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN1/2 = 3.6V, VIN3 = 3.6V, TJ = -40°C to 125°C (7), typical value is tested at TJ = 25°C unless
otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
EN high logic
EN1/2_H
1.05
1.3
1.5
V
EN hysteresis
EN1/2_HYS
150
mV
EN1/2 input current
IEN1/2
VEN = 2V
1
μA
VEN = 0V
0
EN1 turn-on delay
ENTD_1
For channel 1
100
μs
EN2 turn-on delay
ENTD_2
For channel 2,
VIN1 > VIN1_R
100
μs
Power good upper trip threshold
PG1/2_H
FB with respect to the
regulation
+30
%
Power good lower trip threshold
PG1/2_L
FB with respect to the
regulation
-10
%
Power good hysteresis
PGHY
5
%
Power good delay for rising
PDTD_1/2 H
20
μs
Power good delay for falling
PDTD_1/2 L
60
μs
Power good sink current capability
VPG_LO_1/2
Sink 1mA
0.4
V
Power good leakage current
PGLK_1/2
VPG = 1.8V
1
μA
Load Switch
Input voltage range
VIN3
VIN1 > VIN1_R
0.6
6
V
VIN1 < VIN1_R
2.7
6
V
Under-voltage lockout threshold
rising
VIN3_R
For VIN3
2.3
2.5
2.65
V
Under-voltage lockout threshold
hysteresis
VIN3_HYS
For VIN3
200
mV
Supply current (quiescent)
IQ3
From VIN3, VEN1/2 = 0V,
VEN3 = 3.6V
160
250
μA
On resistor
RDSON
20
mΩ
EN3 high logic threshold
EN3_H
1.05
1.3
1.5
V
EN3 hysteresis
EN3_HYS
150
mV
EN3 turn-on delay
ENTD_3
VIN1 > VIN1_R
70
µs
VIN1 < VIN1_R
70
EN3 input current
IEN3
VEN3 = 2V
1
μA
VEN3 = 0V
0
PG3 high logic threshold
PG3_H
VIN3 - VOUT3 is smaller
than the range
150
200
mV
PG3 low logic threshold
PG3_L
VIN3 - VOUT3 is larger than
the range
250
mV
Power good delay for rising
PDTD_3
40
μs
Power good sink current capability
VPG_LO_3
Sink 1mA
0.4
V
Power good leakage current
PGLK_3
VPG = 1.8V
1
μA
Current limit
ILIM3
5.6
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com