Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5403 Datasheet HTML 14Page - Monolithic Power Systems MP5403 Datasheet HTML 15Page - Monolithic Power Systems MP5403 Datasheet HTML 16Page - Monolithic Power Systems MP5403 Datasheet HTML 17Page - Monolithic Power Systems MP5403 Datasheet HTML 18Page - Monolithic Power Systems MP5403 Datasheet HTML 19Page - Monolithic Power Systems MP5403 Datasheet HTML 20Page - Monolithic Power Systems MP5403 Datasheet HTML 21Page - Monolithic Power Systems MP5403 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
21
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP5403
SW2
VIN1
FB1
FB2
SW1
EN3
GND, AGND
OUT3
EN2
PG3
PG2
PG1
EN1
L1
L2
C1B
C2
C3
C5
VIN3
PFL
VIN2
C1A
R1
R2
R3
R4
PFL_ADJ
R6
R5
CDELAY
VSUS
VIN
C4
PG1
PG2
PG3
PFL
VOUT1
VOUT2
VIN3
VOUT3
R7
R8
R9
R10
R11
R12
C6
C7
U1
0.1µF
300kΩ
22µF
22µF
300kΩ
300kΩ
10µF
10µF
22µF
22µF
10nF
100kΩ
100kΩ
100
2.7V-6V
1.8V
1.2V
150kΩ
kΩ
100
kΩ
100
kΩ
100
kΩ
100
kΩ
100kΩ
Figure 7: Typical System Architecture Using 2 Units
MP5403
SW2
VIN1
FB1
FB2
SW1
EN3
OUT3
EN2
PG3
PG2
PG1
EN1
L1
C1B
C2A
C4
VIN3
PFL
VIN2
C1A
R1
R2
PFL_ADJ
R3
R4
CDELAY
VSUS
VIN
C3
PG1
PG3
PFL
VOUT1
VIN3
VOUT3
R5
R6
R7
R8
C6
C5
U1
0.1µF
300kΩ
22µF
300kΩ
10µF
10µF
22µF
22µF
10nF
100kΩ
100kΩ
100kΩ
100kΩ
100kΩ
100kΩ
C2B
22µF
2.7V-6V
1.2V
GND, AGND
Figure 8: Typical System Architecture Using Parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com