Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5403 Datasheet HTML 1Page - Monolithic Power Systems MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems MP5403 Datasheet HTML 8Page - Monolithic Power Systems MP5403 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
5
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN1/2 = 3.6V, VIN3 = 3.6V, TJ = -40°C to 125°C (7), typical value is tested at TJ = 25°C unless
otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Buck Regulators (5)
Input voltage range
VIN1
For VIN1
2.7
6
V
Under-voltage lockout threshold
rising
VIN1_R
For VIN1
2.3
2.5
2.65
V
Under-voltage lockout threshold
hysteresis
VIN1_HYS
For VIN1
250
mV
Input voltage range for Rail2
VIN2
VIN1 > VIN1_R
2
6
V
VIN2 under-voltage lockout threshold
rising
VIN2_R
For VIN2
1.8
1.85
V
VIN2 under-voltage lockout threshold
hysteresis
VIN2 _HYS
For VIN2
300
mV
Supply current (shutdown)
ISD
VEN1/2/3 = 0V, TJ = 25°C
1
μA
Supply current (quiescent)
IQ1+Q2
VEN1/2 = 2V, VEN3 = 0V,
VFB1/2 = 1V
85
110
μA
High-side switch on resistance for
3.5A switcher
RDS(ON)1_H
55
mΩ
Low-side switch on resistance for
3.5A switcher
RDS(ON)1_L
20
mΩ
High-side switch on resistance for
2.5A switcher
RDS(ON)2_H
65
mΩ
Low-side switch on resistance for
2.5A switcher
RDS(ON)2_L
22
mΩ
Switch leakage current
ILK_SW1/2
VEN1/2 = 0V, VIN1/2 = 6V,
VSW1/2 = 0V and 6V,
TJ = 25°C
0
1
μA
High-side current limit for 3.5A
switcher
ILIM1_H
Duty = 33%
4.5
5.6
A
High-side current limit for 2.5A
switcher
ILIM2_H
Duty = 33%
3.5
4.7
A
Low-side zero crossing current
IZCD1/2
For both channels
0.1
A
Oscillator frequency
FSW1/2
CCM
1.2
1.5
1.8
MHz
Phase shift
PhS
CCM
180
degree
Minimum on time (6)
TMIN_ON
70
ns
Minimum off time (6)
TMIN_OFF
100
ns
Maximum duty cycle (6)
DMAX
100
%
Feedback voltage
VFB1/2
TJ = 25°C
594
600
606
mV
TJ = -40°C to 125°C (7)
591
600
609
mV
Feedback currents
IFB1/2
FB1/2 = 0.65V
10
50
nA
Internal soft-start time
TSS1/2
From 10% VOUT to 90%
VOUT
0.35
ms
Output discharge resistor
RDIS1/2
13
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com