Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 15Page - Monolithic Power Systems MP4655 Datasheet HTML 16Page - Monolithic Power Systems MP4655 Datasheet HTML 17Page - Monolithic Power Systems MP4655 Datasheet HTML 18Page - Monolithic Power Systems MP4655 Datasheet HTML 19Page - Monolithic Power Systems MP4655 Datasheet HTML 20Page - Monolithic Power Systems MP4655 Datasheet HTML 21Page - Monolithic Power Systems MP4655 Datasheet HTML 22Page - Monolithic Power Systems MP4655 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
19
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
stage is enabled and DIMO rises high. The LED
current is regulated through the LLC frequency
control, and the VSystem is regulated through the
duty cycle control of the extra N-channel
MOSFET.
Standby Mode with Low Consumption Power
and No Audible Noise
The MP4655 features a standby mode with low
consumption power on the LLC power stage.
When PS_ON ≤ 0.8V, the MP4655 enters
standby mode, regardless of the status of the
LED driver stage control signals.
In standby mode, the LED stage is disabled,
VSystem is controlled through the LLC frequency
control, and the extra N-channel MOSFET is on.
The MP4655 takes the following actions to
decrease the system power consumption:
1. VSystem is controlled within ± 5% and the
circuit works in soft-burst mode. The VFSET
voltage is clamped at 2.1V, so the switching
frequency at burst mode is not too high.
Power consumption is decreased in this
mode. A soft burst-on time and soft burst-off
time are added to the burst mode to eliminate
audible noise (see Figure 3).
2. The charge pump for VDR_DN works in burst
mode, and VDR_DN is controlled with a
larger ripple voltage. This decreases the IC
consumption current.
3. The internal logic circuit consumption current
is decreased.
First pulse GL: 50% width
+5%
-5%
First pulse GL: 50% width
+5%
94uA charge
94μA discharge
Figure 3: LLC Soft-Burst Operation at Standby
Mode
LED Current and System Voltage Regulation
The MP4655 accurately regulates both the LED
current and the output system voltage with only
one LLC power stage.
In PWM dimming off condition, the LED stage is
not enabled (PWMIN is low, EN_LED is not
enabled, or LED stage fault detected). The
MP4655 regulates the output system voltage
through the LLC frequency control, and the extra
N-channel MOSFET is on (see Figure 4A).
In PWM dimming on condition, the MP4655
regulates the LED current through the LLC
frequency control, and regulates the output
system voltage through the duty cycle control of
the extra N-channel MOSFET. The integrated
individual control for this extra N-channel
MOSFET achieves soft switching, and there is no
voltage spike (see Figure 4B).
Figure 4A: MP4655 Control Scheme at PWM
Dimming Off
Figure 4B: MP4655 Control Scheme at PWM
Dimming On
The regulation for the LED current and system
voltage at different conditions is as follows:
1. LED current regulation at PWM dimming on
(ICOMP loop)
For the LED current regulation loop with LLC
frequency control, the LED current is fed back to
IFB. The internal error amplifier regulates the
average value of IFB signal to the internal 199mV
reference voltage. Its output is connected to the
external current-loop compensation network on
ICOMP through an inner switch (S1).
During the PWM on interval, S1 is on, and the
output of the error amplifier is connected to the
external compensation network on ICOMP. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com