Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 10Page - Monolithic Power Systems MP4655 Datasheet HTML 11Page - Monolithic Power Systems MP4655 Datasheet HTML 12Page - Monolithic Power Systems MP4655 Datasheet HTML 13Page - Monolithic Power Systems MP4655 Datasheet HTML 14Page - Monolithic Power Systems MP4655 Datasheet HTML 15Page - Monolithic Power Systems MP4655 Datasheet HTML 16Page - Monolithic Power Systems MP4655 Datasheet HTML 17Page - Monolithic Power Systems MP4655 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
14
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
400Vbus = 390V, VLED = 130V, ILED = 375mA*2 strings, System output = 13.5V/6.5A, TA = 25°C,
unless otherwise noted.
Open LED Protection
Short LED+ to LED-
Short VBUS to GND
Short LED+ to GND
VBUS OVP Protection
VGL
10V/div.
VGATEN
20V/div.
VBUS
10V/div.
IPRI
2A/div.
VGL
10V/div.
VFAULT
2V/div.
VLED
50V/div.
ILED
500mA/div.
VGL
10V/div.
VBUS
10V/div.
VLED
50V/div.
ISHORT
10A/div.
VGL
10V/div.
VBUS
10V/div.
VFAULT
5V/div.
ISHORT
10A/div.
VGL
10V/div.
VBUS
10V/div.
VFAULT
5V/div.
ISHORT
10A/div.
VGL
10V/div.
VBUS
10V/div.
VFAULT
5V/div.
ILED
10A/div.
VGL
10V/div.
VCOMP
1V/div.
VBUS
10V/div.
IPRI
2A/div.
VGL
10V/div.
VICOMP
1V/div.
VBUS
10V/div.
ILED
500mA/div.
Normal Operation
PWM=High
PSON Start-Up
PWM Dimming
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com