Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4655 Datasheet HTML 1Page - Monolithic Power Systems MP4655 Datasheet HTML 2Page - Monolithic Power Systems MP4655 Datasheet HTML 3Page - Monolithic Power Systems MP4655 Datasheet HTML 4Page - Monolithic Power Systems MP4655 Datasheet HTML 5Page - Monolithic Power Systems MP4655 Datasheet HTML 6Page - Monolithic Power Systems MP4655 Datasheet HTML 7Page - Monolithic Power Systems MP4655 Datasheet HTML 8Page - Monolithic Power Systems MP4655 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MP4655
Pure, Single-Stage, LLC, LED Current
and System Voltage Controller
MP4655 Rev 1.0
www.MonolithicPower.com
1
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4655 is a pure, single-stage, LLC, LED
current and system voltage controller for LED
backlighting, especially in larger TVs, and is
located on the secondary side. The MP4655
uses an LLC power stage and an extra N-
channel MOSFET to regulate both the LED
current and the system supply voltage. The
MP4655 is powered by input supplies ranging
from 9V to 35V that output two 180 degree
phase shifted driving signals for the external
LLC power stages. Its enhanced 12V gate
driver provides sufficient driving capability and
can drive the external LLC MOSFETs directly
through an external gate-driving transformer.
The MP4655 also provides a direct driving
signal to control the extra N-channel MOSFET
and regulate the system supply voltage.
The MP4655 incorporates both PWM dimming
and analog dimming for the LED current. A
driving signal is output to directly drive the
dimming MOSFET, which helps achieve fast
and high-contrast ratio PWM dimming. The
analog dimming can be achieved through a DC
signal on ADIM or a pulse signal on ADIMP.
The
MP4655
employs
smart
protection
methods to protect the LED driver stage and
system power stage in the event that a fault
occurs, increasing system reliability.
Full protection features for the LED include
open LED protection, short LED protection,
over-LED current protection, feedback open
loop protection, and protection for any point of
the LED string shorting to ground.
Full protection features for the system supply
voltage stage include over-voltage protection
(OVP), over-current protection (OCP), and
feedback open-loop protection. The MP4655
uses an extra individual capacitive mode
protection to protect the LLC power stage in
any condition system in the event it enters
capacitive mode. The MP4655 also employs
thermal shutdown and is available in a SOIC-28
package.
FEATURES
• Pure, 1-Stage LLC for LED Current and
System Supply Voltage Regulation
• CC/CV Frequency Control Loop and Duty
Cycle Control Loop
• Audible Noise Elimination
• 9V to 35V Input Voltage Range
• Deep and Fast PWM Dimming
• Analog Dimming with DC or Pulse Input
Signal
• Input Under-Voltage Lockout (UVLO)
• System Supply Over-Voltage Protection
(OVP)
• System Supply Short Protection
• LED Open, LED Short Protection
• LED String Short to GND Protection
• Open Feedback Loop Protection for System
Bus Voltage and LED Driver
• Capacitive Mode Protection for LLC
• Soft Switching for the Extra N-Channel
MOSFET
• Fault Indicator
• Available in a SOIC-28 Package
APPLICATIONS
• LCD TVs and Monitors
• Desktop LCD Flat Panel Displays
• Flat Panel Video Displays
• Street Lighting
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP4655

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
MP4651ES MPS-MP4651ES Datasheet
277Kb / 12P
Off Line LED Driver
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652ES MPS-MP4652ES Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4653 MPS-MP4653 Datasheet
656Kb / 25P
Real LIPS CC/CV Mode LLC TV LED Driver
More results

Similar Description - MP4655

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
LLC Current resonant bridge controller
logo
Diodes Incorporated
AL1663 DIODES-AL1663_17 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 2
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
Single Stage Flyback And PFC Controller
logo
Bright Power Semiconduc...
BP3319MB BPS-BP3319MB Datasheet
180Kb / 2P
PSR Single-Stage APFC Offline LED Controller
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
PSR and Single Stage PFC Controller for LED Lighting
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
logo
Bright Power Semiconduc...
BP3309 BPS-BP3309 Datasheet
378Kb / 8P
PSR Single-Stage APFC Offline LED Controller
Rev 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com