Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 3Page - Monolithic Power Systems MP4655 Datasheet HTML 4Page - Monolithic Power Systems MP4655 Datasheet HTML 5Page - Monolithic Power Systems MP4655 Datasheet HTML 6Page - Monolithic Power Systems MP4655 Datasheet HTML 7Page - Monolithic Power Systems MP4655 Datasheet HTML 8Page - Monolithic Power Systems MP4655 Datasheet HTML 9Page - Monolithic Power Systems MP4655 Datasheet HTML 10Page - Monolithic Power Systems MP4655 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
7
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 13V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Capacitive Mode Detection (CMODE)
CMODE detection high
threshold
Vth_Cmode_H
At GL falling edge
0.97
VREF_VFB
CMODE detection low
threshold
Vth_Cmode_L
At GR falling edge
0.03
VREF_VFB
FTH_CMODE voltage
VFth_Cmode
1.15
1.2
1.25
V
CMODE threshold frequency
Fth_cmode
150kΩ on FTH_CMODE
91
kHz
Soft Start (SS)
Soft-start final voltage
VSS
Normal operation after
start-up
2.34
2.405
2.47
Soft-start current
ISS
VSS = 1V
13
μA
Discharge current when
capacitive mode detected
ISS_Discharge
VSS = 2V
3
ISS
Pull low resistor at latch-up
120
Ω
LED Current Feedback (IFB)
Magnitude
|VIFB|
0.188 0.199
0.21
V
LED short threshold for
immediate action
VIFBS
490
555
610
mV
LED short detection delay time
TblankTdelay
6
us
LED short threshold for slow
action
VIFBSC
370
415
460
mV
Delay time for slow action
Tdelay_IFB
400mV < VIFB < 600mV
250
340
450
μs
Threshold for short protection
ICOMP saturated
50%
VIFB_REF
(6)
Duration for short protection
1024
cycle
Internal Current Loop Compensation Transconductance Op-Amp (ICOMP)
Transconductance
Gm_I
840
μA/V
Saturated output current
Isat_I
30
50
70
μA
Low-level clamp voltage
VICOMP_L
Normal operation
0.97
1.02
1.07
V
High-level clamp votlage
VICOMP_H
Normal operation
2.2
2.28
2.36
V
Output for System Voltage Feedback (VFB)
Reference voltage
VREF_VFB
1.17
1.2
1.23
V
Leakage current
Ilkg_VFB
Normal operation
0.33
μA
Internal Voltage Loop Compensation Transconductance Op-Amp (VCOMP)
Low-level clamp voltage
VVCOMP_L
Normal operation
0.97
1.02
1.07
V
High-level clamp votlage
VVCOMP_H
Normal operation
2.2
2.28
2.36
V
Transconductance
Gm_V
150
μA/V
Saturated output current
Isat_V
30
50
70
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com