Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 5Page - Monolithic Power Systems MP4655 Datasheet HTML 6Page - Monolithic Power Systems MP4655 Datasheet HTML 7Page - Monolithic Power Systems MP4655 Datasheet HTML 8Page - Monolithic Power Systems MP4655 Datasheet HTML 9Page - Monolithic Power Systems MP4655 Datasheet HTML 10Page - Monolithic Power Systems MP4655 Datasheet HTML 11Page - Monolithic Power Systems MP4655 Datasheet HTML 12Page - Monolithic Power Systems MP4655 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
9
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 13V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Burst Mode (Pulse Skipping) Threshold in Standby Mode (VCOMP, VFB)
VFB threshold to stop gate
driver
1.05
VREF_VFB
VFB threshold to recover gate
driver
0.95
VREF_VFB
FSET voltage at standby mode
VFSET _STB
PS_ON < 0.7V,
VFB = 0.8 * VREF_VFB
2.1
V
VSS low clamp value
0.91
V
VSS soft-on recovery current
100
µA
VSS soft-off recovery current
100
µA
System Voltage Protection (VFB)
Overbus
voltage
protection
threshold
VTH_OVP_VFB
1.25
VREF_VFB
Delay time
VFB > 1.5V
7
µs
VFB open protection threshold
VTH_Open_VFB
50%
VREF_VFB
Duration time for VFB open
protection
VCOMP saturated at PWM
off or DCOMP saturated at
PWM ON
512
cycles
LED Stage Over-Current Detection (IOCP/FAULT)
IOCP threshold
VTH_IOCP
-360
-320
-280
mV
IOCP detection delay time
TD_IOCP
IOCP < -310mV
7
µs
IOCP duration time to latch up
LLC
LED driver stage
protection triggered and
IOCP < -300mV
270
µs
Amplitude of output fault signal
VFault
Pin floated, fault condition
ISOURCE = 10mA
3.2
3.4
3.6
V
Pull-up resistance at fault
condition
0.3
kΩ
Source current of ICOP at
normal operation
5
µA
NOTES:
5) The parameters are tested on the bench with several parts.
6) VIFB_REF is the reference voltage for IFB. Its value changes according to the ADIM signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com