Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 18Page - Monolithic Power Systems MP4655 Datasheet HTML 19Page - Monolithic Power Systems MP4655 Datasheet HTML 20Page - Monolithic Power Systems MP4655 Datasheet HTML 21Page - Monolithic Power Systems MP4655 Datasheet HTML 22Page - Monolithic Power Systems MP4655 Datasheet HTML 23Page - Monolithic Power Systems MP4655 Datasheet HTML 24Page - Monolithic Power Systems MP4655 Datasheet HTML 25Page - Monolithic Power Systems MP4655 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
22
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
IOCP voltage is lower than -320mV for 7µs, the
MP4655 triggers the LED driver stage protection.
At the LED driver stage protection, the DIMO is
pulled low, and the output system voltage is
regulated by the LLC frequency control, the same
as in PWM off condition. The fault indicator
output is high after 270µs. After the LED driver
stage protection is triggered, IOCP/FAULT
continues detecting the LED driver stage current.
If the voltage on IOCP/FAULT remains lower
than -320mV for 270µs, the MP4655 latches up
and disables the LLC power stage.
The LED current feedback (IFB) is used for over-
LED current protection. When IFB voltage rises
higher than 415mV for 340µs or the IFB voltage
rises higher than 555mV for 6µs, the IC triggers
the LED driver stage protection.
If the voltage on IFB is lower than 50% of its
reference voltage, and the ICOMP is saturated
for 1024 cycles, the IC considers this to be a
short LED to GND protection or open feedback
protection and triggers the LED driver stage
protection.
The
reference
voltage
varies
according to the analog dimming signal.
In a fault condition of the LED driver stage, the
gate driving signals for the LLC power MOSFETs
are still active and the output system voltage is
regulated, only if the LED driver stage can be
disconnected from the power stage. Therefore,
the system power supply is not influenced by the
fault protection of the LED driver stage. A
MOSFET can be used to disconnect the LED
driver stage at the LED fault condition (see
Figure 11).
Thermal protection is also integrated in the
MP4655.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com