Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 4Page - Monolithic Power Systems MP4655 Datasheet HTML 5Page - Monolithic Power Systems MP4655 Datasheet HTML 6Page - Monolithic Power Systems MP4655 Datasheet HTML 7Page - Monolithic Power Systems MP4655 Datasheet HTML 8Page - Monolithic Power Systems MP4655 Datasheet HTML 9Page - Monolithic Power Systems MP4655 Datasheet HTML 10Page - Monolithic Power Systems MP4655 Datasheet HTML 11Page - Monolithic Power Systems MP4655 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
8
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 13V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Internal Voltage Loop Compensation Transconductance Op-Amp for Extra MOSFET Control (DCOMP)
Low-level clamp voltage
VDCOMP_L
Normal operation,
VOCP = 0V
0.41
V
High-level clamp votlage
VDCOMP_H
Normal operation,
VOCP = 0V
2.1
V
Transconductance
Gm_DCOMP
150
μA/V
Saturated output current
Isat_DCOMP
30
50
70
μA
Bus Voltage Stage Current Detection (VOCP)
VOCP detection threshold
VTH_VOCP
-230
-203
-176
mV
VOCP delay time
TD_VOCP
OCP < -200mV
7
µs
Over LED Voltage Protection (VLED1, VLED2)
Over LED voltage protection
threshold
VTH_OVP_LED
2.33
2.41
2.49
V
Over LED voltage delay time
Tdelay_VLED
8
μs
Gain of differential voltage
protection
14
16.
18
Internal resistance
RVLED
16
20
24
kΩ
Over LED voltage to latch up
LLC
VTH_OVP_LED_latch
2.85
3
3.15
V
Duration time to latch up
7.6
μs
Burst Mode (Pulse Skipping) Threshold at Normal Operation (VCOMP, ICOMP, VFB, IFB)
VCOMP threshold for burst
mode
VTH_burst_VCOMP
PS_ON = H,
VFB > 1.05VREF_VFB
1.05
1.1
1.15
V
VCOMP hysteresis for burst
mode
PS_ON = H
80
100
120
mV
VFB threshold for burst mode
VTH_burst_VFB
PS_ON = H
1.05
VREF_VFB
VFB reset threshold for burst
mode
VTH_reset_burst_VFB PS_ON = H
0.95
VREF_VFB
ICOMP
threshold
for
burst
mode
VTH_burst_ICOMP
PS_ON = H,
VIFB > 1.08VIFB_REF
1.05
1.12
1.18
V
ICOMP hysteresis for burst
mode
100
mV
IFB threshold for burst mode
VTH_burst_IFB
PS_ON = H
1.08
VIFB_REF
(6)
IFB reset threshold for burst
mode
VTH_reset_burst_IFB PS_ON = H
0.92
VIFB_REF
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com