Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 9Page - Monolithic Power Systems MP4655 Datasheet HTML 10Page - Monolithic Power Systems MP4655 Datasheet HTML 11Page - Monolithic Power Systems MP4655 Datasheet HTML 12Page - Monolithic Power Systems MP4655 Datasheet HTML 13Page - Monolithic Power Systems MP4655 Datasheet HTML 14Page - Monolithic Power Systems MP4655 Datasheet HTML 15Page - Monolithic Power Systems MP4655 Datasheet HTML 16Page - Monolithic Power Systems MP4655 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
13
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
400Vbus = 390V, VLED = 130V, ILED = 375mA*2 strings, System output = 13.5V/6.5A, TA = 25°C,
unless otherwise noted.
ADIM VOLTAGE(V)
VBUS LOAD CURRENT(A)
PWM DIMMING DUTY
VBUS Voltage Cross
Regulation at PWM
Dimming
VBUS Voltage Cross
Regulation at Analog
Dimming
LED Current Analog
Dimming Linearity
LED Current PWM
Dimming Linearity
LED Current Cross
Regulation at 50% Analog
Dimming
Standby Mode Opeartion
Standby Mode Opeartion
Standby Power Consumption
LED CURRENT(mA)
AC INPUT VOLTAGE(V)
VBUS LOAD CURRENT(A)
VBUS Voltage Load
Regulation
13.51
13.52
13.53
13.54
13.55
13.56
13.57
13.58
13.59
13.6
13.61
13.62
02468
CV LOOP
CC LOOP
13.53
13.54
13.55
13.56
13.57
13.58
13.59
13.6
13.61
13.62
0
0.2
0.4
0.6
0.8
1
1.2
13.505
13.51
13.515
13.52
13.525
13.53
13.535
13.54
13.545
0 100 200 300 400 500 600 700 800
367.5
368
368.5
369
369.5
370
370.5
01234567
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
0
50
100
150
200
250
300
350
400
450
0
100
200
300
IOUT=14.8mA(POUT=200mW)
IOUT=7.8mA(POUT=104mW)
IOUT=0(POUT=0)
VGL
10V/div.
VBUS
10V/div.
VSS
2V/div.
IPRI
2A/div.
VGL
10V/div.
VBUS
10V/div.
VSS
2V/div.
IPRI
2A/div.
0
100
200
300
400
500
600
700
800
0
20
40
60
80
100 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com