Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4655 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4655 Datasheet HTML 1Page - Monolithic Power Systems MP4655 Datasheet HTML 2Page - Monolithic Power Systems MP4655 Datasheet HTML 3Page - Monolithic Power Systems MP4655 Datasheet HTML 4Page - Monolithic Power Systems MP4655 Datasheet HTML 5Page - Monolithic Power Systems MP4655 Datasheet HTML 6Page - Monolithic Power Systems MP4655 Datasheet HTML 7Page - Monolithic Power Systems MP4655 Datasheet HTML 8Page - Monolithic Power Systems MP4655 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
5
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 13V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN Supply
VIN supply range
9
35
V
Quiescent current
IQ
PS_ON = 5V,
no gate driver
1.6
1.9
mA
Shutdown current
Ishutdown
PS_ON = 1.5V
106
120
μA
Standby current
ISTB
PS_ON = 0V
0.6
0.8
mA
Gate Driver GL, GR (LLC Power Stage)
Gate pull-down resistance
RGD
Igate = 20mA
2
Ω
Gate pull-up resistance
RGU
Igate = 20mA
8
Ω
Output source current
ISOURCE
With 1nF load
0.5
(5)
A
Output sink current
ISINK
With 1nF load
1
(5)
A
Dead time
tdead
400
600
800
ns
Gate Driver Supply Voltage (VCC)
IVCC = 0mA
11.5
12.5
13.5
V
IVCC = 30mA
11.3
12.3
13.3
V
Voltage
VVCC
IVCC = 50mA
11.2
12.2
13.2
V
Voltage dropout
IVCC = 50mA, VIN = 10V
0.53
V
VCC UVLO threshold
VTH_UVLO_VCC
VCC rising
7.2
7.74
8.2
V
VCC UVLO hysteresis
VTH_VCC_HYST
1.8
2.05
2.3
V
Gate Driver (GATEN, for Extra MOSFET on Vsystem)
GATEN pull-down resistance
RGD
Igate = 20mA
2.5
Ω
GATEN pull-up resistance
RGU
Igate = 20mA
9
Ω
Output source current
ISOURCE_GATEN With 1nF load
0.5
(5)
A
Output sink current
ISINK_GATEN
With 1nF load
1
(5)
A
GATEN Supply Voltage (VDR_DN)
Charge pump pull-up resistor
13
Ω
Charge pump pull-down resistor
4
Ω
Charge pump frequency
fchargepump
455
kHz
VDR_DN upper threshold to
stop charge pump in standby
mode
Vth_upper_STB
Detection circuit,
very small leakage
VCC -
2.5
V
VCC - 5.5 > 5V
VCC -
5.5
VDR_DN valley threshold to
recover charge pump in
standby mode
Vth_valley_STB
VCC - 5.5 < 5V
5
V
Leakage current from SOURCE
Ilkg_SOURCE
VSOURCE = 24V,
charge pump disabled
0.2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com