Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3045 Datasheet HTML 5Page - Linear Technology LT3045 Datasheet HTML 6Page - Linear Technology LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology LT3045 Datasheet HTML 10Page - Linear Technology LT3045 Datasheet HTML 11Page - Linear Technology LT3045 Datasheet HTML 12Page - Linear Technology LT3045 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT3045
9
3045fa
For more information www.linear.com/LT3045
Typical perForMance characTerisTics
VOUT Forced Above VOUT(NOMINAL)
Power Supply Ripple Rejection
Power Supply Ripple Rejection
PG Output Low Voltage
PG Pin Leakage Current
ISET During Start-Up with Fast
Start-Up Enabled
ISET During Start-Up with Fast
Start-Up Enabled
Output Overshoot Recovery
Current Sink
Output Overshoot Recovery
Current Sink
TJ = 25°C, unless otherwise noted.
VIN = 2V
VPGFB = 290mV
IPG = 100µA
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
5
10
15
20
25
30
35
40
45
50
3045 G34
VPG = 2V
VPGFB = 310mV
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
10
20
30
40
50
60
70
80
90
100
3045 G35
VIN = 2.5V
VPGFB = 290mV
VSET = 1.3V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
3.0
3045 G36
VPGFB = 290mV
VSET = 1.3V
VIN-TO-VSET DIFFERENTIAL (V)
0
2
4
6
8 10 12 14 16 18 20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3045 G37
VIN = 5V
RSET = 33.2k
150°C
125°C
25°C
–55°C
VOUT – VSET (mV)
0
5
10
15
20
0
2
4
6
8
10
12
3045 G38
VIN = 5V
RSET = 33.2k
VOUT – VSET > 5mV
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
1
2
3
4
5
6
7
3045 G39
VIN = 5V
RSET = 33.2k
IIN when VEN = 0V
IOUT when VEN = 0V
IIN when VEN = VIN
IOUT when VEN = VIN
OUTPUT VOLTAGE (V)
4 5 6 7 8 9 10 11 12 13 14 15
0
2
4
6
8
3045 G40
VIN = 5V
RSET = 30.1k
COUT = 10µF
IL = 500mA
CSET = 4.7µF
CSET = 0.47µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
20
30
40
50
60
70
80
90
100
110
120
3045 G41
VIN = 5V
RSET = 30.1k
CSET = 0.47µF
IL = 500mA
COUT = 10µF
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
20
30
40
50
60
70
80
90
100
110
120
3045 G42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com