Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology LT3045 Datasheet HTML 17Page - Linear Technology LT3045 Datasheet HTML 18Page - Linear Technology LT3045 Datasheet HTML 19Page - Linear Technology LT3045 Datasheet HTML 20Page - Linear Technology LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology LT3045 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT3045
19
3045fa
For more information www.linear.com/LT3045
applicaTions inForMaTion
parasitic LC resonance frequency. Besides, it is generally a
very common (and a preferred) practice to bypass regula-
tor input with some capacitance. So this option is fairly
limited in its scope and not the most palatable solution.
To that end, LTC recommends using the LT3045 demo
board layout for achieving the best possible PSRR perfor-
mance. The LT3045 demo board layout utilizes magnetic
fieldcancellationtechniquestopreventPSRRdegradation
causedbythishigh-frequencycurrentflow—whileutilizing
the input capacitor.
Filtering High Frequency Spikes
ForapplicationswheretheLT3045isusedtopost-regulate
a switching converter, its high PSRR effectively sup-
presses any “noise” present at the switcher’s switching
frequency — typically 100kHz to 4MHz. However, the very
high frequency (hundreds of MHz) “spikes” — beyond the
LT3045’s bandwidth — associated with the switcher’s
power switch transition times will almost directly pass
through the LT3045. While the output capacitor is partly
intended to absorb these spikes, its ESL will limit its ability
at these frequencies. A ferrite bead or even the inductance
associated with a short (e.g. 0.5”) PCB trace between the
switcher’s output and the LT3045’s input can serve as an
LC-filter to suppress these very high frequency spikes.
Output Noise
The LT3045 offers many advantages with respect to noise
performance. Traditional linear regulators have several
sources of noise. The most critical noise sources for a
traditionalregulatorareitsvoltagereference,erroramplifier,
noise from the resistor divider network used for setting
output voltage and the noise gain created by this resistor
divider. Many low noise regulators pin out their voltage
reference to allow for noise reduction by bypassing the
reference voltage.
Unlike most linear regulators, the LT3045 does not use a
voltage reference; instead, it uses a 100µA current refer-
ence. The current reference operates with typical noise
currentlevelof20pA/√Hz(6nARMSovera10Hzto100kHz
bandwidth).Theresultantvoltagenoiseequalsthecurrent
noisemultipliedbytheresistorvalue,whichinturnisRMS
summedwiththeerroramplifier’snoiseandtheresistor’s
ownnoiseof√4kTR—wherebyk=Boltzmann’sconstant
1.38 • 10–23J/K and T is the absolute temperature.
One problem that conventional linear regulators face is
that the resistor divider setting the output voltage gains up
the reference noise. In contrast, the LT3045’s unity-gain
follower architecture presents no gain from the SET pin
to the output. Therefore, if a capacitor bypasses the SET
pin resistor, then the output noise is independent of the
programmed output voltage. The resultant output noise
is then set just by the error amplifier’s noise — typically
2nV/√Hz from 10kHz to 1MHz and 0.8µVRMS in a 10Hz to
100kHz bandwidth using a 4.7µF SET pin capacitor. Paral-
leling multiple LT3045s further reduces noise by √N, for
N parallel regulators.
Refer to the Typical Performance Characteristics section
for noise spectral density and RMS integrated noise over
various load currents and SET pin capacitances.
Set Pin (Bypass) Capacitance: Noise, PSRR, Transient
Response and Soft-Start
Inadditiontoreducingoutputnoise,usingaSETpinbypass
capacitoralsoimprovesPSRRandtransientperformance.
Note that any bypass capacitor leakage deteriorates the
LT3045’s DC regulation. Capacitor leakage of even 100nA
is a 0.1% DC error. Therefore, LTC recommends the use
of a good quality low leakage ceramic capacitor.
UsingaSETpinbypasscapacitoralsosoft-startstheoutput
and limits inrush current. The RC time constant, formed
by the SET pin resistor and capacitor, controls soft-start
time. Ramp-up rate from 0 to 90% of nominal VOUT is:
tSS ≈ 2.3 • RSET • CSET (Fast Start-Up Disabled)
Fast Start-Up
For ultralow noise applications that require low 1/f noise
(i.e. at frequencies below 100Hz), a larger value SET pin
capacitorisrequired,upto22µF.Whilethiswouldnormally
significantly increase the regulator’s start-up time, the
LT3045 incorporates fast start-up circuitry that increases
the SET pin current to about 2mA during start-up.
As shown in the Block Diagram, the 2mA current source
remains engaged while PGFB is below 300mV, unless the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com